Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL26712 Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL26712
Description  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26712 Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL26712 Datasheet HTML 7Page - Intersil Corporation ISL26712 Datasheet HTML 8Page - Intersil Corporation ISL26712 Datasheet HTML 9Page - Intersil Corporation ISL26712 Datasheet HTML 10Page - Intersil Corporation ISL26712 Datasheet HTML 11Page - Intersil Corporation ISL26712 Datasheet HTML 12Page - Intersil Corporation ISL26712 Datasheet HTML 13Page - Intersil Corporation ISL26712 Datasheet HTML 14Page - Intersil Corporation ISL26712 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISL26712, ISL26710, ISL26708
11
FN7999.3
September 5, 2012
FIGURE 17. HISTOGRAM OF 10,000 CONVERSIONS OF A DC INPUT
FOR THE ISL26712 WITH VDD = 5V
FIGURE 18. TYPICAL DNL FOR THE ISL26710 FOR VDD = 5V
FIGURE 19. ISL26710 DYNAMIC PERFORMANCE WITH VDD = 5V
FIGURE 20. TYPICAL INL FOR THE ISL26710 FOR VDD = 5V
FIGURE 21. TYPICAL DNL FOR THE ISL26708 FOR VDD = 5V
FIGURE 22. TYPICAL INL FOR THE ISL26708 FOR VDD = 5V
Typical Performance Characteristics (Continued)
0
10k
20k
30k
40k
50k
60k
70k
2044
2045
2046
2047
2048
2049
2050
CODE
65,516
CODES
10
CODES
10
CODES
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
256
512
768
1024
CODE
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
FREQUENCY (kHz)
8192-POINT FFT
fSAMPLE = 1MSPS
fIN = 95.2kHz
SINAD = 61.6dB
THD = -75dB
SFDR = 81dB
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
256
512
768
1024
CODE
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0
32
64
96
128
160
192
224
256
CODE
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0
32
64
96
128
160
192
224
256
CODE


Numéro de pièce similaire - ISL26712

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL26712 INTERSIL-ISL26712 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
More results

Description similaire - ISL26712

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com