Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32455EIUZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL32455EIUZ
Description  짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32455EIUZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL32455EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 9Page - Intersil Corporation ISL32455EIUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E
6
FN7921.0
February 20, 2012
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE, INV. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
Input/Output Voltages
A/Y, B/Z, A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60V
A/Y, B/Z, A, B, Y, Z
(Transient Pulse Through 100
Ω, Note 6). . . . . . . . . . . . . . . . . . . ±80V
RO. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . see “Electrical Specifications”
Latch-up (per JESD78, Level 2, Class A) . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC Package (Notes 7, 8) . . . . . . . . . .
108
47
8 Ld MSOP Package (Notes 7, 8) . . . . . . . . .
140
40
10 Ld MSOP Package (Notes 7, 8) . . . . . . . .
135
50
14 Ld SOIC Package (Notes 7, 8) . . . . . . . . .
88
39
Maximum Junction Temperature (Plastic Package). . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3V or 5V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Bus Pin Common Mode Voltage Range. . . . . . . . . . . . . . . . . . -20V to +20V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Tested according to TIA/EIA-485-A, Section 4.2.6 (±80V for 15µs at a 1% duty cycle).
7.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications Test Conditions: VCC = 3V to 3.6V and 4.5V to 5.5V, unless otherwise specified. Typicals are at the worst case of
VCC =5V or VCC =3.3V, TA = +25°C (Note 9). Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 17)
TYP
MAX
(Note 17)
UNITS
DC CHARACTERISTICS
Driver Differential VOUT (No load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (Loaded,
Figure 3A)
VOD2
RL = 100Ω (RS-422), VCC ≥ 4.5V
Full
2
3-
V
RL = 54Ω (RS-485)
VCC ≥ 4.5V
Full
1.7
2.3
VCC
V
VCC ≥ 3V
Full
1.1
1.3
VCC
V
Change in Magnitude of Driver
Differential VOUT for Complementary
Output States
ΔVOD
RL = 54Ω or 100Ω (Figure 3A)
Full
-
-
0.2
V
Driver Differential VOUT with
Common Mode Load (Figure 3B)
VOD3
RL = 60Ω, -20V ≤ VCM ≤ 20V, VCC ≥ 4.5V
Full
1.5
-
-
V
Driver Common-Mode VOUT
(Figure 3A)
VOC
RL = 54Ω or 100Ω
Full
-1
-
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔVOC
RL = 54Ω or 100Ω (Figure 3A)
Full
-
-
0.2
V
Driver Short-Circuit Current
IOSD
DE = VCC, -20V ≤ VO ≤ 20V (Note 11)
Full
-250
-
250
mA
IOSD1
At First Fold-back, 24V ≤ VO ≤ -24V
Full
-83
-
83
mA
IOSD2
At Second Fold-back, 35V ≤ VO ≤ -35V
Full
-13
-
13
mA
Logic Input High Voltage
VIH
DE, DI, RE, INV (See Figure 25)
Full
2.35
--
V
Logic Input Low Voltage
VIL
DE, DI, RE, INV
Full
-
-
0.8
V
Logic Input Current
IIN1
DI
Full
-1
-
1
µA
DE, RE, INV
Full
-15
6
15
µA


Numéro de pièce similaire - ISL32455EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32455EIUZ INTERSIL-ISL32455EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32455EIUZ RENESAS-ISL32455EIUZ Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

Description similaire - ISL32455EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com