Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53211 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS53211
Description  Single-Phase PWM Controller with Light-Load Efficiency Optimization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53211 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS53211 Datasheet HTML 1Page - Texas Instruments TPS53211 Datasheet HTML 2Page - Texas Instruments TPS53211 Datasheet HTML 3Page - Texas Instruments TPS53211 Datasheet HTML 4Page - Texas Instruments TPS53211 Datasheet HTML 5Page - Texas Instruments TPS53211 Datasheet HTML 6Page - Texas Instruments TPS53211 Datasheet HTML 7Page - Texas Instruments TPS53211 Datasheet HTML 8Page - Texas Instruments TPS53211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS53211
www.ti.com
SLUSAA9
– SEPTEMBER 2011
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNITS
VCC
4.5
14
EN
–0.1
VVCC+0.1
VCCDR
4.5
7
BOOT
dc
–0.1
34
dc
–0.1
7
BOOT to PHASE
Input voltage range
transient
< 200ns
–3
7
V
dc
–1
24
PHASE
transient
< 200ns
–3
28
FB, VSEN, OSC
–0.1
3.3
VVCC > 6.8 V
–0.1
5
CSP, CSN
VVCC ≤ 6.8 V
–0.1
VVCC–2
UGATE
–0.1
34
dc
–0.1
7
UGATE to PHASE, LGATE
Output voltage range
transient
< 200 ns
–3
7
COMP
–0.1
3.3
V
PGOOD
–0.1
12
GND
–0.1
0.1
Ground pins
FBG
–0.1
0.1
Junction temperature range, TJ
–40
125
°C
Operating free-air temperature, TA
–40
85
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Numéro de pièce similaire - TPS53211

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53211 TI-TPS53211_15 Datasheet
905Kb / 22P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
More results

Description similaire - TPS53211

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53211 TI-TPS53211_15 Datasheet
905Kb / 22P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
STMicroelectronics
L6738 STMICROELECTRONICS-L6738 Datasheet
787Kb / 32P
   Single-phase PWM controller with light-load efficiency optimization
logo
uPI Group Inc.
UP1539 UPI-UP1539 Datasheet
176Kb / 11P
   Single Phase PWM Controller with Light-Load Efficiency Optimization
logo
Intersil Corporation
ISL78225 INTERSIL-ISL78225 Datasheet
985Kb / 21P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Renesas Technology Corp
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com