Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51103 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51103
Description  INTEGRATED LDO WITH SWITCHOVER CIRCUIT FOR NOTEBOOK COMPUTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51103 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS51103 Datasheet HTML 6Page - Texas Instruments TPS51103 Datasheet HTML 7Page - Texas Instruments TPS51103 Datasheet HTML 8Page - Texas Instruments TPS51103 Datasheet HTML 9Page - Texas Instruments TPS51103 Datasheet HTML 10Page - Texas Instruments TPS51103 Datasheet HTML 11Page - Texas Instruments TPS51103 Datasheet HTML 12Page - Texas Instruments TPS51103 Datasheet HTML 13Page - Texas Instruments TPS51103 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
0
1
2
3
4
5
3.27
3.28
3.31
3.29
3.32
3.33
3.34
I
VRTC3 – Output Current – mA
3.30
T
A = 85°C
T
A = 25°C
T
A = 0°C
T
A = –40°C
4.88
4.89
4.95
4.90
4.92
4.96
4.97
4.99
5.00
4.93
0
10
20
60
70
100
I
VREG5 – Output Current – mA
50
40
30
90
80
4.91
4.94
4.98
3.16
3.24
3.18
3.26
3.30
3.22
0
10
20
60
70
100
50
40
30
90
80
3.20
3.28
I
VREG3 – Output Current – mA
0
10
50
25
–50
0
100
150
50
40
T
J – Junction Temperature – °C
V
IN Standby Current
V
IN Supply Current
5
15
20
30
45
35
TPS51103
SLUS808 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
ALWAYS ON OUTPUT VOLTAGE
VREG5 SWITCHOVER OUTPUT VOLTAGE
vs
vs
ALWAYS ON OUTPUT CURRENT
VREG5 SWITCHOVER OUTPUT CURRENT
Figure 7.
Figure 8.
VREG3 SWITCHOVER OUTPUT VOLTAGE
INPUT CURRENT
vs
vs
VREG3 SWITCHOVER OUTPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51103


Numéro de pièce similaire - TPS51103

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS5110 TI1-TPS5110 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS51100 TI-TPS51100 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results

Description similaire - TPS51103

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com