Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43340QPHPQ1 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS43340QPHPQ1
Description  LOW IQ, 30 關A, HIGH VIN QUAD-OUTPUT POWER SUPPLY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43340QPHPQ1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS43340QPHPQ1 Datasheet HTML 1Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 2Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 3Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 4Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 5Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 6Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 7Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 8Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TPS43340-Q1
www.ti.com
SLVSB16B – NOVEMBER 2011 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS
VIN = VLR1 = 8 V to 18 V, VSUP = 4 V to 10 V, VIN2SENSE = 4V to 40V, TJ = -40°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply
Input voltage required for device on initial start up
6.5
40
V
VIN
Device operating range
Operating range after initial start up
4.0
V
VIN falling
3.5
3.6
3.8
V
VIN UV
Undervoltage lockout
VIN rising
3.8
4
V
VLR1
Device operating range for linear reg
Recommended operation range
4.0
40
V
EN1 = 1, LPM; EN2,3,4 = 0
30
40
EN2 = 1, LPM; EN1,3,4 = 0
µA
Quiescent current:
Iq
EN4 = 1, LPM; EN1,2,3 = 0
48
60
TA = 25°C
EN1,2 = 1, LPM; EN3,4 = 0
35
45
EN3,4 = 1, EN1,2 = 0
4
4.5
mA
EN1 = 1, LPM; EN2,3,4 = 0
40
50
EN2 = 1, LPM; EN1,3,4 = 0
µA
Quiescent current:
Iq
EN4 = 1, LPM; EN1,2,3 = 0
52
60
TA = 125°C
EN1,2 = 1, LPM; EN3,4 = 0
40
45
EN3,4 = 1, EN1,2 = 0
5
mA
VIN = 13 V, Buck1: CCM, Buck2: off or
Quiescent current:
IVIN
VIN = 13 V, Buck2: CCM, Buck1: off or
5
mA
TA = 25°C
VIN = 13 V, Buck1/2: CCM
Normal operation, SYNC = 5 V
5
VIN = 13V, Buck1: CCM, Buck2: off
5
Quiescent current:
IVIN
mA
TA = 125°C
VIN = 13V, Buck2: CCM, Buck1: off
5
VIN = 13V, Buck1, 2: CCM
7
IVIN-SD
Shutdown current at TA = 25°C
EN1,2,3,4 = 0: off, VIN = VLR1 = 13 V
5
10
µA
IVIN-SD
Shutdown current at TA = 125°C
EN1,2,3,4 = 0: off, VIN = VLR1 = 13 V
20
µA
IVLRI-SD
Shutdown current at TA = 125°C
EN1,2,3,4 = 0: off, VIN = VLR1 = 13 V
5
µA
Internal Supply VREG
Internal regulated supply
VIN = 8 V to 18 V, EXTSUP = 0 V, SYNC = High
5.5.
5.8
6.1
V
VREG
Load regulation
EXTSUP = 0 V, SYNC = High IVREG = 0 mA to 100 mA
0.2
1
%
Internal regulated supply
EXTSUP = 8.5 V, normal mode
7.2.
7.5
7.8
V
VREG-EXTSUP
EXTSUP = 8.5 V to 13 V, normal mode IVREG = 0 mA to
Load regulation
0.2
1
%
125 mA
IVREG = 0 mA to 100 mA, EXTSUP ramping positive,
VEXTSUP-VREG
Switch over voltage
4.4
4.6
4.8
V
normal mode
VEXTSUP-HYS
Switch over hysteresis
Normal mode
150
250
mV
EXTSUP = 0 V normal mode as well as LPM,
IREG-LIM
Current limit on VREG
100
400
mA
VREG=0V
Current limit on VREG when using
IVREG = 0 mA to 100 mA, EXTSUP = 8.5 V, normal
IREG-EXTSUP-LIM
125
400
mA
EXTSUP
mode, VREG=0V
Input voltage VIN - Overvoltage Lock Out and Reverse Polarity Protection
VIN rising
45
46
47
V
VOVLO
Overvoltage shutdown
VIN falling
43
44
45
V
OVLOHys
Hysteresis
1
2
3
V
OVLOfilter
Filter time
5
µs
VGD
Clamping voltage of ext. FET
VIN - GPULL
17
V
RGPULL
Internal resistance to GND
500
k
Ω
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS43340-Q1


Numéro de pièce similaire - TPS43340QPHPQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43340QPHPRQ1 TI1-TPS43340QPHPRQ1 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
More results

Description similaire - TPS43340QPHPQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
logo
Linear Technology
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Extech Instruments Corp...
382270 EXTECH-382270 Datasheet
150Kb / 8P
   High Precision Quad Output DC Power Supply
logo
RICOH electronics devic...
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
   Quad Output DC Power Supply
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com