Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3110E15DBVTG4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
TPS3110E15DBVTG4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 25 page www.ti.com 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 2 4 6 8 10 12 14 16 18 20 T =25 C ° A T =0 C ° A T = 40 C - ° A T =85 C A ° V =3.3V DD SENSE=GND MR =GND WDI=GND I Low-LevelOutputCurrent OL - - mA 0.60 0.65 0.70 0.75 0.80 0.85 0.90 -0.5 -0.4 -0.3 -0.2 -0.1 0 T =25 A °C T =0 A °C T 40 C - ° A = T =85 A °C V =0.9V DD SENSE=V DD MR =V DD WDI:Triggered I High-LevelOutputCurrent - - OH mA 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 -25 -20 -15 -10 -5 0 T 40 C A - ° = T =0 C ° A T =25 C ° A T =85 C ° A V =3.3V DD SENSE=V DD MR =V DD WDI:Triggered I Low-LevelOutputCurrent OH - - mA 0 5 10 15 20 25 30 35 40 45 50 0 0.1 0.2 0.3 0.4 0.5 V ThresholdOverdriveVoltage - - V DD V =3.3V DD V =0.9V DD MR :Open SENSE=V DD TPS3103xxx TPS3106xxx TPS3110xxx SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007 TYPICAL CHARACTERISTICS (continued) TPS3110E09 TPS3110E09 LOW-LEVEL OUTPUT VOLTAGE HIGH-LEVEL OUTPUT VOLTAGE vs vs LOW-LEVEL OUTPUT CURRENT HIGH-LEVEL OUTPUT CURRENT Figure 3. Figure 4. TPS3110K33 HIGH-LEVEL OUTPUT VOLTAGE MINIMUM PULSE DURATION AT VDD vs vs HIGH-LEVEL OUTPUT CURRENT THRESHOLD OVERDRIVE VOLTAGE Figure 5. Figure 6. Copyright © 2001–2007, Texas Instruments Incorporated Submit Documentation Feedback 11 |
Numéro de pièce similaire - TPS3110E15DBVTG4 |
|
Description similaire - TPS3110E15DBVTG4 |