Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3610T50 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS3610T50
Description  BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3610T50 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS3610T50 Datasheet HTML 7Page - Texas Instruments TPS3610T50 Datasheet HTML 8Page - Texas Instruments TPS3610T50 Datasheet HTML 9Page - Texas Instruments TPS3610T50 Datasheet HTML 10Page - Texas Instruments TPS3610T50 Datasheet HTML 11Page - Texas Instruments TPS3610T50 Datasheet HTML 12Page - Texas Instruments TPS3610T50 Datasheet HTML 13Page - Texas Instruments TPS3610T50 Datasheet HTML 14Page - Texas Instruments TPS3610T50 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TPS3610U18, TPS3610T50
BATTERY BACKUP SUPERVISORS FOR RAM RETENTION
SLVS327B – DECEMBER 2000 – REVISED DECEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VDD (see Note 2)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All other pins (see Note 2)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current at VOUT, IO(VOUT)
400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current (all other pins) IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 2: All voltage values are with respect to GND. For reliable operation the device must not be operated at 7 V for more than t=1000h
continuously.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PW
700 mW
5.6 mW/
°C
448 mW
364 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
1.65
5.5
V
Battery supply voltage, VBAT
1.5
5.5
V
Input voltage, VI
0
VDD+0.3
V
High-level input voltage, VIH
0.7xVDD
V
Low-level input voltage, VIL
0.3
×VDD
V
Continuous output current at VOUT, IO
300
mA
Input transition rise and fall rate at WDI, MSWITCH,
∆t/∆V
100
ns/V
Slew rate at VDD or VBAT
1
V/
µs
Operating free-air temperature range, TA
–40
85
°C


Numéro de pièce similaire - TPS3610T50

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3610T50 TI1-TPS3610T50 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PW TI-TPS3610T50PW Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PW TI1-TPS3610T50PW Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PWG4 TI-TPS3610T50PWG4 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PWG4 TI1-TPS3610T50PWG4 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Description similaire - TPS3610T50

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com