Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2811-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2811-Q1
Description  DUAL HIGH-SPEED MOSFET DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2811-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2811-Q1 Datasheet HTML 1Page - Texas Instruments TPS2811-Q1 Datasheet HTML 2Page - Texas Instruments TPS2811-Q1 Datasheet HTML 3Page - Texas Instruments TPS2811-Q1 Datasheet HTML 4Page - Texas Instruments TPS2811-Q1 Datasheet HTML 5Page - Texas Instruments TPS2811-Q1 Datasheet HTML 6Page - Texas Instruments TPS2811-Q1 Datasheet HTML 7Page - Texas Instruments TPS2811-Q1 Datasheet HTML 8Page - Texas Instruments TPS2811-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPS2811-Q1
www.ti.com
SLVSAE0 – JUNE 2010
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage
−0.3 V to 15 V
Regulator input voltage range
REG_IN
VCC
−0.3 V to 42 V
Input voltage range
1IN, 2IN
−0.3 V to VCC +0.5 V
Output voltage range
1OUT, 2OUT
–0.5 < V < VCC +0.5 V
Continuous regulator output current
REG_OUT
25 mA
Continuous output current
1OUT, 2OUT
±100 mA
TA
Operating ambient temperature range
−40°C to 125°C
Tstg
Storage temperature range
−65°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to device GND pin.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Regulator input voltage
8
40
V
VCC
Supply voltage
4
14
V
Input voltage
1IN, 2IN
-0.3
VCC
V
Continuous regulator output current
REG_OUT
0
20
mA
TA
Operating ambient temperature range
-40
125
°C
ELECTRICAL CHARACTERISTICS
over recommended operating ambient temperature range, VCC = 10 V, REG_IN open, CL = 1 nF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
INPUTS
VCC = 5 V
3.3
4
VT+
Positive-going input threshold voltage
VCC = 10 V
5.8
9
V
VCC = 14 V
8.3
13
VCC = 5 V
1
1.6
VT_
Negative-going input threshold voltage
VCC = 10 V
1
4.2
V
VCC = 14 V
1
6.2
Input hysteresis
VCC = 5 V
1.6
V
II
Input current
Inputs = 0 V or VCC
-1
0.2
1
µA
CI
Input capacitance
5
10
pF
OUTPUTS
IO = −1 mA
9.75
9.9
VOH
High-level output voltage
V
IO = −100 mA
8
9.1
IO = 1 mA
0.18
0.25
VOL
Low-level output voltage
V
IO = 100 mA
1
2
IO
Peak output current
VCC = 10 V
2
A
REGULATOR
VO
Output voltage
14
≤ REG_IN ≤ 40 V, 0 ≤ IO ≤ 20 mA
10
11.5
13
V
Output voltage in dropout
IO = 10 mA, REG_IN = 10 V
9
9.6
V
SUPPLY CURRENT
ICC
Supply current into VCC
Inputs high or low
0.2
5
µA
Supply current into REG_IN
REG_IN = 20 V, REG_OUT open
40
100
µA
(1)
Typical values are at TA = 25°C unless otherwise noted.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2811-Q1


Numéro de pièce similaire - TPS2811-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
TPS2811D TI-TPS2811D Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
TPS2811D TI1-TPS2811D Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2811DG4 TI1-TPS2811DG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2811DR TI1-TPS2811DR Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
More results

Description similaire - TPS2811-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com