Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A4101DGNT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A4101DGNT
Description  50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4101DGNT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS7A4101DGNT Datasheet HTML 5Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 6Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 7Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 8Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 9Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 10Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 11Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 12Page - Texas Instruments TPS7A4101DGNT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPS7A41
www.ti.com
SBVS183
– DECEMBER 2011
INPUT AND OUTPUT CAPACITOR REQUIREMENTS
The TPS7A4101 high voltage linear regulator achieves stability with a minimum output capacitance of 4.7
µF and
input capacitance of 1
µF; however, it is highly recommended to use 10-μF output and input capacitors to
maximize ac performance.
BYPASS CAPACITOR REQUIREMENTS
Although a bypass capacitor (CBYP) is not needed to achieve stability, it is highly recommended to use a 10-nF
bypass capacitor to maximize ac performance (including line transient, noise and PSRR).
MAXIMUM AC PERFORMANCE
In order to maximize line transient, noise, and PSRR performance, it is recommended to include 10-
μF (or
higher) input and output capacitors, and a 10-nF bypass capacitor; see Figure 12. The solution shown delivers
minimum noise levels of 58
μVRMS and power-supply rejection levels above 36 dB from 10 Hz to 10 MHz.
TRANSIENT RESPONSE
As with any regulator, increasing the size of the output capacitor reduces over/undershoot magnitude but
increases duration of the transient response.
Note that the presence of the CBYP capacitor may greatly improve the TPS7A4101 line transient response, as
noted in .
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS7A41


Numéro de pièce similaire - TPS7A4101DGNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Description similaire - TPS7A4101DGNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com