Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A1633DGNT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A1633DGNT
Description  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1633DGNT Fiches technique(HTML) 2 Page - Texas Instruments

  TPS7A1633DGNT Datasheet HTML 1Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 2Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 3Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 4Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 5Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 6Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 7Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 8Page - Texas Instruments TPS7A1633DGNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS7A16
SBVS171A
– DECEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
TPS7A16xx yyy z
XX is nominal output voltage ( 01 = Adjustable, 33 = 3.3 V, 50 = 5.0 V)(2)
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
(2)
Additional output voltage options are available. Minimum-order quantities may apply; contact your sales representative for details.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range
–40°C ≤ TJ ≤ +125°C (unless otherwise noted).
VALUE
MIN
MAX
UNIT
IN pin to GND pin
–0.3
+62
V
OUT pin to GND pin
–0.3
+20
V
OUT pin to IN pin
–62
+0.3
V
FB pin to GND pin
–0.3
+3
V
Voltage
FB pin to IN pin
–62
+0.3
V
EN pin to IN pin
–62
0.3
V
EN pin to GND pin
–0.3
+62
V
PG pin to GND pin
–0.3
+5.5
V
DELAY pin to GND pin
–0.3
+5.5
V
Current
Peak output
Internally limited
Operating virtual junction, TJ, absolute maximum range
(2)
–40
+150
°C
Temperature
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2
kV
Electrostatic discharge rating
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum rated conditions for extended periods may affect device reliability.
(2)
No permanent damage will occur to the part operating within this range though electrical performance is not guaranteed outside the
operating free-air temperature range.
THERMAL INFORMATION
TPS7A1601
THERMAL METRIC(1)
DGN
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
66.2
θJC(top)
Junction-to-case(top) thermal resistance
45.9
θJB
Junction-to-board thermal resistance
34.6
°C/W
ψJT
Junction-to-top characterization parameter
1.9
ψJB
Junction-to-board characterization parameter
34.3
θJC(bottom)
Junction-to-case(bottom) thermal resistance
14.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS7A16


Numéro de pièce similaire - TPS7A1633DGNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A1633DGNT TI1-TPS7A1633DGNT Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1633DGNT TI-TPS7A1633DGNT Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Description similaire - TPS7A1633DGNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com