Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A1601-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS7A1601-Q1
Description  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1601-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS7A1601-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS7A1601-Q1
TPS7A1633-Q1
TPS7A1650-Q1
www.ti.com
SBVS188B – MARCH 2012 – REVISED MAY 2012
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
ORDERABLE PART
NUMBER
TA
PACKAGE
TOP SIDE SYMBOL
STATUS
TPS7A1633QDGNRQ1
PXYQ
Active
VSSOP -
TPS7A1601QDGNRQ1
–40°C to 125°C
Reel of 2500
PXZQ
Active
DGN
Active
TPS7A1650QDGNRQ1
PYAQ
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range –40°C
≤ TJ ≤ +125°C (unless otherwise noted).
VALUE
MIN
MAX
UNIT
IN pin to GND pin
–0.3
62
V
OUT pin to GND pin
–0.3
20
V
OUT pin to IN pin
–62
0.3
V
FB pin to GND pin
–0.3
3
V
Voltage
FB pin to IN pin
–62
0.3
V
EN pin to IN pin
–62
0.3
V
EN pin to GND pin
–0.3
62
V
PG pin to GND pin
–0.3
5.5
V
DELAY pin to GND pin
–0.3
5.5
V
Current
Peak output
Internally limited
Operating virtual junction, TJ, absolute maximum range
(2)
–40
150
°C
Temperature
Storage, Tstg
–65
150
°C
Human Body Model (HBM) AEC-Q100 Classification Level H2
2
kV
Electrostatic discharge rating
Charged Device Model (CDM) AEC-Q100 Classification Level C3B
750
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum rated conditions for extended periods may affect device reliability.
(2)
Permanent damage does not occur to the part operating within this range, though electrical performance is not guaranteed outside the
operating free-air temperature range.
THERMAL INFORMATION
TPS7A16xxQDGNRQ1
THERMAL METRIC(1)
DGN
UNIT
8 PINS
θJA
Junction-to-ambient thermal resistance
66.2
°C/W
θJC(top)
Junction-to-case(top) thermal resistance
45.9
°C/W
θJB
Junction-to-board thermal resistance
34.6
°C/W
ψJT
Junction-to-top characterization parameter
1.9
°C/W
ψJB
Junction-to-board characterization parameter
34.3
°C/W
θJC(bottom)
Junction-to-case(bottom) thermal resistance
14.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7A1601-Q1 TPS7A1633-Q1 TPS7A1650-Q1


Numéro de pièce similaire - TPS7A1601-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Description similaire - TPS7A1601-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com