Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A1601 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS7A1601
Description  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1601 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS7A1601 Datasheet HTML 7Page - Texas Instruments TPS7A1601 Datasheet HTML 8Page - Texas Instruments TPS7A1601 Datasheet HTML 9Page - Texas Instruments TPS7A1601 Datasheet HTML 10Page - Texas Instruments TPS7A1601 Datasheet HTML 11Page - Texas Instruments TPS7A1601 Datasheet HTML 12Page - Texas Instruments TPS7A1601 Datasheet HTML 13Page - Texas Instruments TPS7A1601 Datasheet HTML 14Page - Texas Instruments TPS7A1601 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS7A16xx
OUT
GND
C
IN
IN
EN
V
IN
V
OUT
V
EN
R
PG
DELAY
C
DELAY
PG
C
OUT
V
PG
mC1
IO1
IO2
IO3
mC2
EN
VCC
12V
60V
t
V
IN
TPS7A16
www.ti.com
SBVS171A
– DECEMBER 2011 – REVISED DECEMBER 2011
APPLICATION INFORMATION
AUTOMOTIVE APPLICATIONS
The TPS7A16 family maximum input voltage of 60 V makes it ideal for use in automotive applications where
high-voltage transients are present.
Events such as load-dump overvoltage (where the battery is disconnected while the alternator is providing
current to a load) may cause voltage spikes from 25 V to 60 V. In order to prevent any damage to sensitive
circuitry, local transient voltage suppressors can be used to cap voltage spikes to lower, more manageable
voltages.
The TPS7A16 family can be used to simplify and lower costs in such cases. The TPS7A16 very high voltage
range allows this regulator to not only withstand the voltages coming out of these local transient voltage
suppressors, but even replace them, thus lowering system cost and complexity.
Figure 15. Low-Power Microcontroller Rail Sequencing in Automotive Applications Subjected to
Load-Dump Transients
MULTICELL BATTERY PACKS
Currently, battery packs can employ up to a dozen cells in series that, when fully charged, may have voltages of
up to 55 V. Internal circuitry in these battery packs is used to prevent overcurrent and overvoltage conditions that
may degrade battery life or even pose a safety risk; this internal circuitry is often managed by a low-power
microcontroller, such as TI
’s MSP430.
The microcontroller continuously monitors the battery itself, whether the battery is in use or not. Although this
microcontroller could be powered by an intermediate voltage taken from the multicell array, this approach
unbalances the battery pack itself, degrading its life or adding cost to implement more complex cell balancing
topologies.
The best approach to power this microcontroller is to regulate down the voltage from the entire array to discharge
every cell equally and prevent any balancing issues. This approach reduces system complexity and cost.
TPS7A16 is the ideal regulator for this application because it can handle very high voltages (from the entire
multicell array) and has very low quiescent current (to maximize battery life).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS7A16


Numéro de pièce similaire - TPS7A1601

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601ADGNR TI-TPS7A1601ADGNR Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
More results

Description similaire - TPS7A1601

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com