Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6139A2 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6139A2
Description  DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA6139A2 Datasheet HTML 7Page - Texas Instruments TPA6139A2 Datasheet HTML 8Page - Texas Instruments TPA6139A2 Datasheet HTML 9Page - Texas Instruments TPA6139A2 Datasheet HTML 10Page - Texas Instruments TPA6139A2 Datasheet HTML 11Page - Texas Instruments TPA6139A2 Datasheet HTML 12Page - Texas Instruments TPA6139A2 Datasheet HTML 13Page - Texas Instruments TPA6139A2 Datasheet HTML 14Page - Texas Instruments TPA6139A2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Supply ramp
Supply
MUTE
Time for ac-coupling
capasitors to charge
fc
IN +
1
2p R
IN CIN
C
IN +
1
2p fc
IN RIN
or
TPA6139A2
www.ti.com
SLOS700B – JANUARY 2011 – REVISED JUNE 2012
Input-Blocking Capacitors
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
TPA6139A2. These capacitors block the dc portion of the audio source and allow the TPA6139A2 inputs to be
properly biased to provide maximum performance. The input blocking capacitors also limit the DC gain to 1,
limiting the DC-offset voltage at the output.
These capacitors form a high-pass filter with the input resistor, RIN. The cutoff frequency is calculated using
Equation 1. For this calculation, the capacitance used is the input-blocking capacitor and the resistance is the
input resistor chosen from Table 1. Then the frequency and/or capacitance can be determined when one of the
two values is given.
(1)
For a fixed cutoff frequency of 2Hz the size of the input capacitance is shown in the table below with the
capacitors rounded up to nearest E6 values. For 20Hz cutoff simply divide the capacitor values with 10; e.g., for
1x gain, 150nF is needed.
Table 2. Input Capacitor for Different Gain and Cutoff
Gain_set
Gain
INPUT
2 Hz
GAIN
RESISTOR
(dB)
RESISTANCE
Cutoff
249k
–2.0x
6.0
37k
2.2 µF
82k0
–1.0x
0.0
55k
1.5 µF
49k2
–1.5x
3.5
44k
2.2 µF
35k1
–2.3x
7.2
33k
3.3 µF
27k3
–2.5x
8.0
31k
3.3 µF
20k5
–3.0x
9.5
28k
3.3 µF
15k4
–3.5x
10.9
24k
3.3 µF
11k5
–4.0x
12.0
22k
4.7 µF
9k09
–5.0x
14.0
18k
4.7 µF
7k50
–5.6x
15.0
17k
4.7 µF
6k19
–6.4x
16.1
15k
6.8 µF
5k11
–8.3x
18.4
12k
6.8 µF
3k90
–10x
20.0
10k
10 µF
Pop-Free Power Up
Pop-free power up is ensured by keeping the MUTE low during power supply ramp up and down. The pin should
be kept low until the input AC-coupling capacitors are fully charged before asserting the MUTE pin high to pre-
charge the ac-coupling; and, pop-less power-up is achieved. Figure 10 illustrates the preferred sequence.
Figure 10. Power-Up Sequence
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPA6139A2


Numéro de pièce similaire - TPA6139A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6139A2PW TI1-TPA6139A2PW Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2RGTR TI1-TPA6139A2RGTR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2RGTT TI1-TPA6139A2RGTT Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
More results

Description similaire - TPA6139A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com