Moteur de recherche de fiches techniques de composants électroniques |
|
TPA6100A2 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPA6100A2 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 15 page www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATING TABLE RECOMMENDED OPERATING CONDITIONS TPA6100A2D SLOS269B – JUNE 2000 – REVISED SEPTEMBER 2004 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. AVAILABLE OPTIONS PACKAGED DEVICE MSOP TA SYMBOLIZATION SMALL OUTLINE (D) MSOP(DGK) –40 °C to 85°C TPA6100A2D TPA6100A2DGK AJL Terminal Functions TERMINAL I/O DESCRIPTION NAME NO. BYPASS 1 I Tap to voltage divider for internal mid-supply bias supply. BYPASS is set at VDD/4. Connect to a 0.1-µF to 1-µF low-ESR capacitor for best performance. GND 2 I GND is the ground connection. IN1- 8 I IN1- is the inverting input for channel 1. IN2- 4 I IN2- is the inverting input for channel 2. SHUTDOWN 3 I Active-low input. When held low, the device is placed in a low supply current mode. VDD 6 I VDD is the supply voltage terminal. VO1 7 O VO1 is the audio output for channel 1. VO2 5 O VO2 is the audio output for channel 2. over operating free-air temperature range (unless otherwise noted)(1) UNIT VDD Supply voltage 4 V VI Input voltage –0.3 V to VDD + 0.3 V Continuous total power dissipation Internally limited TJ Operating junction temperature range –40 °C to 150°C Tstg Storage temperature range –65 °C to 150°C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C (1) Stresses beyond thoselisted under "absolute maximum ratings” may cause permanent damage to thedevice. These are stress ratings only, and functional operation of the deviceat these or any other conditions beyond those indicated under "recommendedoperating conditions” is not implied. Exposure to absolute-maximum-ratedconditions for extended periods may affect devicereliability. TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C PACKAGE POWER RATING ABOVE TA = 25°C POWER RATING POWER RATING D 710 mW 5.68 mW/ °C 454 mW 369 mW DGK 469 mW 3.75 mW/ °C 300 mW 244 mW MIN MAX UNIT VDD Supply voltage 1.6 3.6 V TA Operating free-air temperature –40 85 °C VIH High-level input voltage SHUTDOWN 0.6 x VDD V VIL Low-level input voltage SHUTDOWN 0.25 x VDD 2 |
Numéro de pièce similaire - TPA6100A2 |
|
Description similaire - TPA6100A2 |