Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP432ADGSR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP432ADGSR
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP432ADGSR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TMP432ADGSR Datasheet HTML 7Page - Texas Instruments TMP432ADGSR Datasheet HTML 8Page - Texas Instruments TMP432ADGSR Datasheet HTML 9Page - Texas Instruments TMP432ADGSR Datasheet HTML 10Page - Texas Instruments TMP432ADGSR Datasheet HTML 11Page - Texas Instruments TMP432ADGSR Datasheet HTML 12Page - Texas Instruments TMP432ADGSR Datasheet HTML 13Page - Texas Instruments TMP432ADGSR Datasheet HTML 14Page - Texas Instruments TMP432ADGSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
SCL
SDA
THERM
DXP
DXN
V+
GND
ALERT/THERM2
ADC
Control Logic
Register Bank
Serial Interface
Oscillator
Voltage Regulator
Current Sources
Local
Temperature
Sensor
Signal
Conditioning
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The TMP431 (two-channel) and TMP432 (three-channel) are digital temperature sensors that combine a local die
temperature measurement channel and a remote junction temperature measurement channel in a single
VSSOP-8 (TMP431) or VSSOP-10 (TMP432) package. They are Two-Wire- and SMBus interface-compatible
and are specified over a temperature range of –40°C to 125°C. The TMP43x contain multiple registers for
holding configuration information, temperature measurement results, temperature comparator maximum and
minimum limits, and status information. User-programmed high and low temperature limits stored in the TMP43x
can be used to trigger an overtemperature and undertemperature alarm (ALERT) on local and remote
temperatures. Additional thermal limits can be programmed into the TMP43x and used to trigger another flag
(THERM) that can be used to initiate a system response to rising temperatures.
For proper remote temperature sensing operation, the TMP431 requires only a transistor connected between
DXP and DXN; the TMP432 requires transistors conncected between DXP1 and DXN1, and between DXP2 and
DXN2.
The SCL and SDA interface pins require pullup resistors as part of the communication bus, while ALERT and
THERM are open-drain outputs that also need pullup resistors. ALERT and THERM may be shared with other
devices if desired for a wired-OR implementation. TI recommends a 0.1-
μF power-supply bypass capacitor for
good local bypassing.
8.2 Functional Block Diagram
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP431 TMP432


Numéro de pièce similaire - TMP432ADGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP432ADGSR TI1-TMP432ADGSR Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
More results

Description similaire - TMP432ADGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com