Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP432ADGSR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP432ADGSR
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP432ADGSR Fiches technique(HTML) 1 Page - Texas Instruments

  TMP432ADGSR Datasheet HTML 1Page - Texas Instruments TMP432ADGSR Datasheet HTML 2Page - Texas Instruments TMP432ADGSR Datasheet HTML 3Page - Texas Instruments TMP432ADGSR Datasheet HTML 4Page - Texas Instruments TMP432ADGSR Datasheet HTML 5Page - Texas Instruments TMP432ADGSR Datasheet HTML 6Page - Texas Instruments TMP432ADGSR Datasheet HTML 7Page - Texas Instruments TMP432ADGSR Datasheet HTML 8Page - Texas Instruments TMP432ADGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DXP
DXN
V+
1
8
7
3
2
SCL
SDA
THERM
+5V
SMBus
Controller
6
GND
ALERTTHERM2
/
4
5
OneChannelLocal
OneChannelRemote
TMP431
V+
1
10
9
8
7
SCL
SDA
+5V
SMBus
Controller
6
GND
DXP1
DXN1
3
2
DXP2
DXN2
5
4
OneChannelLocal
TwoChannelsRemote
TMP432
ALERT
THERM2
/
THERM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
TMP43x ±1°C Temperature Sensor With Series-R,
η-Factor, and Automatic Beta Compensation
1 Features
3 Description
The TMP431 and TMP432 are remote temperature
1
±1°C Remote Diode Sensor
sensor monitors with a built-in local temperature
±1°C Local Temperature Sensor
sensor.
The
remote
temperature
sensor
diode-
Automatic Beta Compensation
connected transistors are typically low-cost, NPN- or
PNP-type transistors or diodes that are an integral
η-Factor Correction
part of microcontrollers, microprocessors, or FPGAs.
Programmable Threshold Limits
Remote
accuracy
is
±1°C
for
multiple
IC
Two-Wire/SMBus™ Serial Interface
manufacturers, with no calibration needed. The Two-
Minimum and Maximum Temperature Monitors
Wire serial interface accepts SMBus write byte, read
Multiple Interface Addresses
byte, send byte, and receive byte commands to
program
the
alarm
thresholds
and
to
read
ALERT/THERM2 Pin Configuration
temperature data.
Diode Fault Detection
The TMP43x include beta compensation (correction),
2 Applications
series resistance cancellation, programmable non-
ideality
factor,
programmable
resolution,
LCD/DLP®/LCOS Projectors
programmable
threshold
limits,
minimum
and
Servers
maximum
temperature
monitors,
wide
remote
temperature measurement range (up to 150°C), and
Industrial Controllers
diode fault detection and temperature alert function.
Central Office Telecom Equipment
The TMP431 is available in a VSSOP-8 package and
Desktop and Notebook Computers
the TMP432 is available in a VSSOP-10 package.
Storage Area Networks (SAN)
Industrial And Medical Equipment
Device Information(1)
Processor and FPGA Temperature Monitoring
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP431
VSSOP (8)
3.00 mm × 3.00 mm
TMP432
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TMP432ADGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP432ADGSR TI1-TMP432ADGSR Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
More results

Description similaire - TMP432ADGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com