Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP421AIDCNTG4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP421AIDCNTG4
Description  짹1째C Remote and Local TEMPERATURE SENSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421AIDCNTG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TMP421AIDCNTG4 Datasheet HTML 6Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 7Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 8Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 9Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 10Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 11Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 12Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 13Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TMP422
DX1
(4)
DX2
(4)
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration :
(1)
DX3
(4)
DX4
(4)
4
3
R
S
(2)
R
S
(2)
C
DIFF
(3)
0.1 F
m
10kW
(typ)
10kW
(typ)
V+
8
7
6
SCL
SDA
+5V
SMBus
Controller
DXP1
DXN1
DXP2
DXN2
+5V
TMP423
DXP1
DXP2
DXP3
DXP
DXN
DXN
SCL
GND
SDA
V+
2
3
4
7
1
6
8
R
S
(2)
R
S
(2)
R
S
(2)
R
S
(2)
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
C
DIFF
(3)
Transistor-connectedconfiguration :
(1)
C
DIFF
(3)
R
S
(2)
R
S
(2)
Diode-connectedconfiguration :
(1)
5
0.1 F
m
10kW
(typ)
10kW
(typ)
SMBus
Controller
SeriesResistance
TMP421
TMP422
TMP423
SBOS398C – JULY 2007 – REVISED MAY 2012
www.ti.com
(1) Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation.
(2) RS (optional) should be < 1.5kΩ in most applications. Selection of RS depends on application; see the Filtering section.
(3) CDIFF (optional) should be < 1000pF in most applications. Selection of CDIFF depends on application; see the Filtering section and
Figure 6, Remote Temperature Error vs Differential Capacitance.
(4) TMP422 SMBus slave address is 1001 100 when connected as shown.
Figure 12. TMP422 Basic Connections
(1) Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation.
(2) RS (optional) should be < 1.5kΩ in most applications. Selection of RS depends on application; see the Filtering section.
(3) CDIFF (optional) should be < 1000pF in most applications. Selection of CDIFF depends on application; see the Filtering section and
Figure 6, Remote Temperature Error vs Differential Capacitance.
Figure 13. TMP423 Basic Connections
10
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423


Numéro de pièce similaire - TMP421AIDCNTG4

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TMP421AIDCNTG4 BURR-BROWN-TMP421AIDCNTG4 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421AIDCNTG4 TI-TMP421AIDCNTG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results

Description similaire - TMP421AIDCNTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com