Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP422 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP422
Description  짹1째C Remote and Local TEMPERATURE SENSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP422 Fiches technique(HTML) 5 Page - Texas Instruments

  TMP422 Datasheet HTML 1Page - Texas Instruments TMP422 Datasheet HTML 2Page - Texas Instruments TMP422 Datasheet HTML 3Page - Texas Instruments TMP422 Datasheet HTML 4Page - Texas Instruments TMP422 Datasheet HTML 5Page - Texas Instruments TMP422 Datasheet HTML 6Page - Texas Instruments TMP422 Datasheet HTML 7Page - Texas Instruments TMP422 Datasheet HTML 8Page - Texas Instruments TMP422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
1
2
3
4
8
7
6
5
V+
SCL
GND
DXP
DXN
A1
A0
SDA
TMP421
V+
SCL
SDA
DXP
DXN
A1
A0
1
2
8
7
3
4
6
5
GND
1
2
3
4
8
7
6
5
V+
SCL
GND
DX1
DX2
DX3
DX4
SDA
TMP422
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
TMP421 PIN CONFIGURATION
DCN PACKAGE
YZD PACKAGE
SOT23-8
DSBGA-8
(TOP VIEW)
(TOP VIEW)
TMP421 PIN ASSIGNMENTS
TMP421
NO.
NAME
DESCRIPTION
1
DXP
Positive connection to remote temperature sensor.
2
DXN
Negative connection to remote temperature sensor.
3
A1
Address pin
4
A0
Address pin
5
GND
Ground
6
SDA
Serial data line for SMBus, open-drain; requires pull-up resistor to V+.
7
SCL
Serial clock line for SMBus, open-drain; requires pull-up resistor to V+.
8
V+
Positive supply voltage (2.7V to 5.5V for the TMP421; 2.55V to 5.5V for the TMP421C)
TMP422 PIN CONFIGURATION
DCN PACKAGE
SOT23-8
(TOP VIEW)
TMP422 PIN ASSIGNMENTS
TMP422
NO.
NAME
DESCRIPTION
1
DX1
Channel 1 remote temperature sensor connection pin. Also sets the TMP422 address; see Table 10.
2
DX2
Channel 1 remote temperature sensor connection pin. Also sets the TMP422 address; see Table 10.
3
DX3
Channel 2 remote temperature sensor connection pin. Also sets the TMP422 address; see Table 10.
4
DX4
Channel 2 remote temperature sensor connection pin. Also sets the TMP422 address; see Table 10.
5
GND
Ground
6
SDA
Serial data line for SMBus, open-drain; requires pull-up resistor to V+.
7
SCL
Serial clock line for SMBus, open-drain; requires pull-up resistor to V+.
8
V+
Positive supply voltage (2.7V to 5.5V)
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP421 TMP422 TMP423


Numéro de pièce similaire - TMP422

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TMP422 BURR-BROWN-TMP422 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422 TI-TMP422 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422 TI1-TMP422 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP422 TI1-TMP422 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results

Description similaire - TMP422

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com