Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC2274AQDRQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC2274AQDRQ1
Description  ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AQDRQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TLC2274AQDRQ1 Datasheet HTML 4Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 5Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 6Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 7Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 8Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 9Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 10Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 11Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TLC2272-Q1 , TLC2272A-Q1
TLC2274-Q1, TLC2274A-Q1
SGLS007E
– FEBRUARY 2003 – REVISED JANUARY 2012
www.ti.com
TLC2274Q ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VDD = 5 V (unless otherwise noted)
TLC2274Q
TLC2274AQ
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25
°C
300
2500
300
950
VIO
Input offset voltage
μV
Full range
3000
1600
Temperature coefficient of
αVIO
25
°C to 125°C
2
2
μV/°C
input offset voltage
Input offset voltage
μV/m
VIC = 0 V,
VDD± = ±2.5 V,
25
°C
0.002
0.002
long-term drift(2)
o
VO = 0 V,
RS = 50 Ω
25
°C
0.5
60
0.5
60
IIO
Input offset current
pA
Full range
800
800
25
°C
1
1
60
IIB
Input bias current
pA
Full range
800
−0.3 to
−0.3 to
25
°C
0 to 4
0 to 4
4.2
4.2
Common-mode input
VICR
RS = 50 Ω
|VIO| ≤ 5 mV
V
voltage range
0 to
Full range
0 to 3.5
3.5
IOH = −20 μA
25
°C
4.99
4.99
25
°C
4.85
4.93
4.85
4.93
IOH = −200 μA
VOH
High-level output voltage
Full range
4.85
4.85
V
25
°C
4.25
4.65
4.25
4.65
IOH = −1 mA
Full range
4.25
4.25
VIC = 2.5 V,
IOL = 50 μA
25
°C
0.01
0.01
25
°C
0.09
0.15
0.09
0.15
VIC = 2.5 V,
IOL = 500 μA
VOL
Low-level output voltage
Full range
0.15
0.15
V
25
°C
0.9
1.5
0.9
1.5
VIC = 2.5 V,
IOL = 5 mA
Full range
1.5
1.5
25
°C
10
35
10
35
VIC = 2.5 V,
RL = 10 kΩ
(3)
Large-signal differential
AVD
VO = 1 V to 4
Full range
10
10
V/mV
voltage amplification
V,
RL = 1 MΩ
(3)
25
°C
175
175
Differential input
rid
25
°C
Ω
1012
1012
resistance
Common-mode input
ri
25
°C
Ω
1012
1012
resistance
Common-mode input
f = 10 kHz,
N package
ci
25
°C
8
8
pF
capacitance
Closed-loop output
f = 1 MHz,
AV = 10
zo
25
°C
140
140
Ω
impedance
VIC = 0 V to 2.7 RS = 50 Ω
25
°C
70
75
70
75
CMR
Common-mode rejection
V,
dB
R
ratio
Full range
70
70
VO = 2.5 V,
VDD = 4.4 V to 16 V,
25
°C
80
95
80
95
Supply voltage rejection
kSVR
dB
ratio (
ΔVDD/ΔVIO)
VIC = VDD/2,
No load
Full range
80
80
25
°C
4.4
6
4.4
6
IDD
Supply current
VO = 2.5 V,
No load
mA
Full range
6
6
(1)
Full range is
−40°C to 125°C for Q level part.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
(3)
Referenced to 2.5 V
8
Submit Documentation Feedback
Copyright
© 2003–2012, Texas Instruments Incorporated
Product Folder Link(s): TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1


Numéro de pièce similaire - TLC2274AQDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2274AQDRQ1 TI-TLC2274AQDRQ1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274AQDRQ1 TI1-TLC2274AQDRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
More results

Description similaire - TLC2274AQDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com