Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17310Q5A Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD17310Q5A
Description  Using the TPS51916EVM-746 Complete DDR2, DDR3
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17310Q5A Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CSD17310Q5A Datasheet HTML 4Page - Texas Instruments CSD17310Q5A Datasheet HTML 5Page - Texas Instruments CSD17310Q5A Datasheet HTML 6Page - Texas Instruments CSD17310Q5A Datasheet HTML 7Page - Texas Instruments CSD17310Q5A Datasheet HTML 8Page - Texas Instruments CSD17310Q5A Datasheet HTML 9Page - Texas Instruments CSD17310Q5A Datasheet HTML 10Page - Texas Instruments CSD17310Q5A Datasheet HTML 11Page - Texas Instruments CSD17310Q5A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Configurations
www.ti.com
1. Connect the load to J5 and set the load to constant-resistance mode to sink 0 Adc before V5IN and
VIN are applied.
2. Connect a voltmeter V3 at TP11 (VDDQ) and TP14 (GND) to measure VDDQ voltage, V4 at TP12
(VTT) and TP13 (GND) to measure VTT voltage and V5 at TP17 (VTTREF) and TP18 (GND) to
measure VTTREF voltage.
Other Connections:
Place a fan as shown in Figure 3 and turn it on, ensuring that air is flowing across the EVM.
5
Configurations
5.1
S3, S5 Enable Selection
The controller can be enabled and disabled by switches SW1 and SW2.
Default setting: Push SW1 and SW2 to the bottom (OFF position) to disable the controller.
Table 2. S3, S5 Enable Selection
State
SW2 (S3) set to
SW1(S5) set to
VDDQ
VTTREF
VTT
S0
ON position
ON position
ON
ON
ON
S3
OFF position
ON position
ON
ON
OFF(High-Z)
S4/S5
OFF position
OFF position
OFF(Discharge)
OFF(Discharge)
OFF(Discharge)
6
Test Procedure
6.1
Line/Load Regulation and Efficiency Measurement Procedure
1. Set up EVM as described in Section 4 and Figure 3.
2. Ensure that the load is set to constant-resistance mode and to sink 0 Adc.
3. Ensure that SW1 and SW2 are in the OFF position.
4. Increase V5IN from 0 V to 5 V. Use V1 to measure V5IN input voltage.
5. Increase VIN from 0 V to 12 V. Use V2 to measure VIN input voltage.
6. Push SW1 and SW2 to ON position to enable the controller.
7. Use V3 to measure VDDQ output voltage.
8. Use V4 to measure VTT output voltage.
9. Use V5 to measure VTTREF output voltage.
10. Use A1 to measure VIN input current for efficiency.
11. Use A2 to measure V5IN input current for efficiency.
12. Vary the load from 0 Adc to 20 Adc; VDDQ must remain in load regulation.
13. Vary VIN from 8 V to 20 V; VDDQ must remain in line regulation.
14. Push SW1 and SW2 to OFF position to disable the controller.
15. Decrease the load to 0 A.
16. Decrease VIN and V5IN to 0 V.
6.2
List of Test Points
Table 3. Test Point Functions
Test Points
Name
Description
TP1
PGOOD
Power Good
TP2
V5IN
5-V input
TP3
GND
Ground
8
Using the TPS51916EVM-746 Complete DDR2, DDR3, DDR3L, and DDR4
SLUU526
– August 2011
Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered
Submit Documentation Feedback
Reference
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - CSD17310Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17310Q5A TI-CSD17310Q5A Datasheet
367Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results

Description similaire - CSD17310Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
Xilinx, Inc
WP484 XILINX-WP484 Datasheet
974Kb / 12P
   DDR2/DDR3 Low-Cost PCB Design
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com