Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STD Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce STD
Description  a Phase-Dimmable, Primary-Side Regulated LED Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

STD Fiches technique(HTML) 6 Page - Texas Instruments

Back Button STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Test Setup
www.ti.com
5
Test Setup
5.1
Test Equipment
Voltage Source: 105 VRMS to 135 VRMS isolated AC source PCR500LA (KIKUSUI)
Multimeters: Agilent 34401A
Power Meter: PM1000 Digital Power Meter (Voltech)
Output Load: 9 LEDs in series (VF = 3.2 V at 350 mA per LED)
Oscilloscope: TDS3045C (TEKTRONIX)
Operating Temperature: 25°C
Recommended Wire Gauge: 18 AWG not more than two feet long
5.2
Recommended Test Setup
Figure 2. LM3447-A19-120VEVM Recommended Test Set Up
5.3
List of Test Points
Table 2. Test Points Functions
TEST POINTS
NAME
DESCRIPTION
TP1
Neutral
120 V
AC neutral connection
TP2
Line
120 V
AC line voltage
J8
LED+
LED anode connection
J9
LED-
LED cathode connection
6
LM3447-A19-120VEVM is a Phase-Dimmable, Primary-Side Regulated LED
SLUU937 – May 2012
Driver
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn