Moteur de recherche de fiches techniques de composants électroniques |
|
ADC1213S080HN-C1 Fiches technique(PDF) 7 Page - Integrated Device Technology |
|
ADC1213S080HN-C1 Fiches technique(HTML) 7 Page - Integrated Device Technology |
7 / 37 page ADC1213S_SER 3 © IDT 2012. All rights reserved. Product data sheet Rev. 03 — 2 July 2012 7 of 37 Integrated Device Technology ADC1213S series Single 12-bit ADC; serial JESD204A interface Voltage controlled regulator output: pin VCM VO(cm) common-mode output voltage -0.5VDDA -V IO(cm) common-mode output current -4 - mA Reference voltage input/output: pin VREF VVREF voltage on pin VREF output 0.5 - 1 V input 0.5 - 1 V Data outputs: pins CMLP, CMLN Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 000 VOL LOW-level output voltage DC-coupled; output - 1.5 - V AC-coupled - 1.35 - V VOH HIGH-level output voltage DC-coupled; output - 1.8 - V AC-coupled - 1.65 - V Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 001 VOL LOW-level output voltage DC-coupled; output - 1.45 - V AC-coupled - 1.275 - V VOH HIGH-level output voltage DC-coupled; output - 1.8 - V AC-coupled - 1.625 - V Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 010 VOL LOW-level output voltage DC-coupled; output - 1.4 - V AC-coupled - 1.2 - V VOH HIGH-level output voltage DC-coupled; output - 1.8 - V AC-coupled - 1.6 - V Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 011 VOL LOW-level output voltage DC-coupled; output - 1.35 - V AC-coupled - 1.125 - V VOH HIGH-level output voltage DC-coupled; output - 1.8 - V AC-coupled - 1.575 - V Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 100 VOL LOW-level output voltage DC-coupled; output - 1.3 - V AC-coupled - 1.05 - V VOH HIGH-level output voltage DC-coupled; output - 1.8 - V AC-coupled - 1.55 - V Serial configuration: pins SYNCP, SYNCN VIL LOW-level input voltage differential; input - 0.95 - V VIH HIGH-level input voltage differential; input - 1.47 - V Accuracy INL integral non-linearity 5- +5 LSB DNL differential non-linearity guaranteed no missing codes 0.95 0.5 +0.95 LSB Eoffset offset error - 2- mV Table 5. Static characteristics …continued[1] Symbol Parameter Conditions Min Typ Max Unit |
Numéro de pièce similaire - ADC1213S080HN-C1 |
|
Description similaire - ADC1213S080HN-C1 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |