Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1212D065HN-C1 Fiches technique(PDF) 3 Page - Integrated Device Technology

No de pièce ADC1212D065HN-C1
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1212D065HN-C1 Fiches technique(HTML) 3 Page - Integrated Device Technology

  ADC1212D065HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADC1212D_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 40
Integrated Device Technology
ADC1212D series
Dual 12-bit ADC: CMOS or LVDS DDR digital outputs
6. Pinning information
6.1 CMOS outputs selected
6.1.1 Pinning
6.1.2 Pin description
Fig 2.
Pin configuration with CMOS digital outputs selected
ADC1212D
HVQFN64
Transparent top view
DB5
INBM
INBP
DB4
AGND
DB3
VCMB
DB2
REFBT
DB1
REFBB
DB0
AGND
n.c.
CLKM
n.c.
CLKP
n.c.
AGND
DAV
REFAB
n.c.
REFAT
n.c.
VCMA
DA0
AGND
DA1
INAM
DA2
INAP
DA3
16
33
15
34
14
35
13
36
12
37
11
38
10
39
9
40
8
41
7
42
6
43
5
44
4
45
3
46
2
47
1
48
terminal 1
index area
005aaa129
Table 2.
Pin description (CMOS digital outputs)
Symbol
Pin
Type [1]
Description
INAP
1
I
analog input; channel A
INAM
2
I
complementary analog input; channel A
AGND
3
G
analog ground
VCMA
4
O
common-mode output voltage; channel A
REFAT
5
O
top reference; channel A
REFAB
6
O
bottom reference; channel A
AGND
7
G
analog ground
CLKP
8
I
clock input
CLKM
9
I
complementary clock input
AGND
10
G
analog ground
REFBB
11
O
bottom reference; channel B
REFBT
12
O
top reference; channel B


Numéro de pièce similaire - ADC1212D065HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1212D065HN PHILIPS-ADC1212D065HN Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results

Description similaire - ADC1212D065HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com