Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1210S125HN-C1 Fiches technique(PDF) 9 Page - Integrated Device Technology

No de pièce ADC1210S125HN-C1
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1210S125HN-C1 Fiches technique(HTML) 9 Page - Integrated Device Technology

Back Button ADC1210S125HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 11Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 12Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
[1]
Typical values measured at VDDA =3V, VDDO =1.8 V, Tamb =25 C and CL = 5 pF; minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C
at VDDA =3V, VDDO = 1.8 V; VINP  VINM = 1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified.
10.2 Clock and digital output timing
IMD
Intermodulation
distortion
fi = 3 MHz
-
89
-
-
89
-
-
88
-
-
89
-
dBc
fi =30MHz
-
88
-
-
88
-
-
88
-
-
88
-
dBc
fi =70MHz
-
87
-
-
87
-
-
86
-
-
86
-
dBc
fi = 170 MHz
-
84
-
-
85
-
-
83
-
-
84
-
dBc
Table 7.
Dynamic characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1210S065
ADC1210S080
ADC1210S105
ADC1210S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Table 8.
Clock input and digital output timing characteristics[1]
Symbol
Parameter
Conditions
ADC1210S065
ADC1210S080
ADC1210S105
ADC1210S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Clock timing input: pins CLKP and CLKM
fclk
clock
frequency
40
-
65
60
-
80
75
-
105
100
-
125 MHz
tlat(data)
data latency
time
-13.5
-
-
13.5-
-13.5-
-13.5
-
clock
cycles
clk
clock duty
cycle
DCS_EN = logic 1
3050
7030
507030
50
70
3050
70
%
DCS_EN = logic 0
4550
5545
505545
50
55
4550
55
%
td(s)
sampling
delay time
-
0.8
-
-
0.8
-
-
0.8
-
-
0.8
-
ns
twake
wake-up time
-76-
-76-
-
76
-
-76
-
s
CMOS mode timing output: pins D11 to D0 and DAV
tPD
propagation
delay
DATA
13.6
14.9
16.4
11.9
12.9
14.4
8.0
10.8
12.4
8.2
9.7
11.3 ns
DAV
-
4.2
-
-
3.6
-
-
3.3
-
-
3.4
-
ns
tsu
set-up time
-
12.5
-
-
9.8
-
-
6.8
-
-
5.6
-
ns
th
hold time
-
3.4
-
-
3.3
-
-
3.1
-
-
2.8
-
ns
tr
rise time
DATA
[2]
0.39
-
2.4
0.39
-
2.4
0.39
-
2.4
0.39
-
2.4
ns
DAV
0.26
-
2.40.26
-
2.40.26
-
2.40.26
-
2.4
ns
tf
fall time
DATA
[2]
0.19
-
2.4
0.19
-
2.4
0.19
-
2.4
0.19
-
2.4
ns


Numéro de pièce similaire - ADC1210S125HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1210S125HN/C1 NXP-ADC1210S125HN/C1 Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
More results

Description similaire - ADC1210S125HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com