Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1115S125HN-C1 Fiches technique(PDF) 5 Page - Integrated Device Technology

No de pièce ADC1115S125HN-C1
Description  Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1115S125HN-C1 Fiches technique(HTML) 5 Page - Integrated Device Technology

  ADC1115S125HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADC1115S125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
5 of 36
Integrated Device Technology
ADC1115S125
11-bit, 125 Msps ADC; input buffer; CMOS or LVDS DDR digital outputs
[1]
Pins 1 to 16 and pins 33 to 40 are the same for both CMOS and LVDS DDR outputs (see Table 2)
[2]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
7. Limiting values
8. Thermal characteristics
[1]
Value for six layers board in still air with a minimum of 25 thermal vias.
9. Static characteristics
n.c.
30
-
not connected
DAVM
31
O
data valid output clock, complement
DAVP
32
O
data valid output clock, true
Table 3.
Pin description …continued (LVDS/DDR) digital outputs)
Symbol
Pin [1]
Type [2] Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VO
output voltage
pins D10 to D0 or
pins D9_D10_P to D0_D1_P and
pins D9_D10_M to D0_D1_M
0.4
+3.9
V
VDDA(3V) analog supply voltage
3V
on pin VDDA3V
0.5
+4.6
V
VDDA(5V) analog supply voltage
5V
on pin VDDA5V
0.5
+6.0
V
VDDO
output supply voltage
0.5
+4.6
V
Tstg
storage temperature
55
+125
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
-
125
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 30.5
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 13.3
K/W
Table 6.
Static characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA(5V)
analog supply voltage 5 V
4.75
5.0
5.25
V
VDDA(3V)
analog supply voltage 3 V
2.85
3.0
3.4
V
VDDO
output supply voltage
CMOS mode
1.65
1.8
3.6
V
LVDS DDR mode
2.85
3.0
3.6
V
IDDA(5V)
analog supply current 5 V
fclk =125 Msps;
fi =70MHz
-46
-
mA


Numéro de pièce similaire - ADC1115S125HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ADC1115S125HN-C1 RENESAS-ADC1115S125HN-C1 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results

Description similaire - ADC1115S125HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1115S125 NXP-ADC1115S125 Datasheet
278Kb / 35P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
   Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1015S RENESAS-ADC1015S Datasheet
386Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com