Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63060 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63060
Description  HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63060 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS63060 Datasheet HTML 1Page - Texas Instruments TPS63060 Datasheet HTML 2Page - Texas Instruments TPS63060 Datasheet HTML 3Page - Texas Instruments TPS63060 Datasheet HTML 4Page - Texas Instruments TPS63060 Datasheet HTML 5Page - Texas Instruments TPS63060 Datasheet HTML 6Page - Texas Instruments TPS63060 Datasheet HTML 7Page - Texas Instruments TPS63060 Datasheet HTML 8Page - Texas Instruments TPS63060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
V
IN
L1
VIN
VAUX
EN
PS/SYNC
GND
L2
VOUT
FB
PGND
L
1
1µH
C
2
C
3
2.5 V to 12V
V
OUT
5V /800mA
TPS63060
PG
Power Good
Output
C
1
2X10µF
0.1µF
3X22µF
1M
111k
10pF
R
1
R
2
C
4
1M
R
3
TPS63060
TPS63061
www.ti.com
SLVSA92A
– DECEMBER 2011 – REVISED FEBRUARY 2012
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
Check for Samples: TPS63060, TPS63061
1
FEATURES
2
Up to 93% Efficiency
Load Disconnect During Shutdown
2A/1A Output Current at 5V in Buck Mode
Overtemperature Protection
1.3A Output Current at 5V in Boost Mode
Overvoltage Protection
(VIN
>4V)
Available in a 3-mm
× 3-mm, SON-10 Package
Automatic Transition Between Step Down and
Boost Mode
APPLICATIONS
Typical Device Quiescent Current less than
Dual LI-Ion Application
30
μA
DSC's and Camcorders
Input Voltage Range: 2.5V to 12V
Notebook Computer
Fixed and Adjustable Output Voltage Options
Industrial Metering Equipment
from 2.5V to 8V
Ultra Mobile PC's and Mobile Internet Devices
Power Save Mode for Improved Efficiency at
Personal Medical Products
Low Output Power
High Power LED's
Forced Fixed Frequency Operation at 2.4MHz
and Synchronization Possible
Power Good Output
Buck-Boost Overlap Control
DESCRIPTION
The TPS6306x devices provide a power supply solution for products powered by either three-cell up to six-cell
alkaline, NiCd or NiMH battery, or a one-cell or dual-cell Li-Ion or Li-polymer battery. Output currents can go as
high as 2A while using a dual-cell Li-Ion or Li-Polymer Battery, and discharge it down to 5V or lower. The
buck-boost converter is based on a fixed frequency, pulse-width-modulation (PWM) controller using synchronous
rectification to obtain maximum efficiency. At low load currents, the converter enters Power Save mode to
maintain high efficiency over a wide load current range. The Power Save mode can be disabled, forcing the
converter to operate at a fixed switching frequency. The maximum average current in the switches is limited to a
typical value of 2.25A. The output voltage is programmable using an external resistor divider, or is fixed internally
on the chip. The converter can be disabled to minimize battery drain. During shutdown, the load is disconnected
from the battery. The device is packaged in a 10-pin SON PowerPAD
™ package measuring 3mm × 3mm (DSC).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Buck-Boost Overlap Control, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS63060

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060MDSCTEP TI1-TPS63060MDSCTEP Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
More results

Description similaire - TPS63060

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Linear Technology
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
XLSEMI
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com