Moteur de recherche de fiches techniques de composants électroniques |
|
TPS61222DCKR Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
TPS61222DCKR Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 22 page 1.7 1.75 1.8 1.85 1.9 0.01 0.1 1 10 100 I -OutputCurrent-mA O V =0.7V I V =1.2V I V =1.8V O 3.1 3.2 3.3 3.4 3.5 0.01 0.1 1 10 100 I -OutputCurrent-mA O V =0.7V I V =1.2V I V =2.4V I V =3.3V O 4.8 4.9 5 5.1 5.2 0.01 0.1 1 10 100 I -OutputCurrent-mA O V =0.7V I V =1.2V I V =2.4V I V =5V O V =3.6V I 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 0.7 1.2 1.7 2.2 2.7 3.2 3.7 4.2 4.7 5.2 V -InputVoltage-V I V =0V EN R =10k LOAD W R =1k LOAD W I coil 50mA/div V O 10mA/div 1 s/div m Offset:1.8V Offset:0V V =0.8V,V =1.8V,I =20mA I O O I coil 50mA/div V 10mV/div O Offset:0 A Offset:3.31V 1 s/div m V =1.8V,V =3.3V,I =50mA I O O TPS61220 TPS61221 TPS61222 SLVS776 – JANUARY 2009 ............................................................................................................................................................................................... www.ti.com OUTPUT VOLTAGE vs OUTPUT VOLTAGE vs OUTPUT CURRENT AND INPUT VOLTAGE (TPS61220) OUTPUT CURRENT AND INPUT VOLTAGE (TPS61221) Figure 9. Figure 10. OUTPUT VOLTAGE vs OUTPUT VOLTAGE vs OUTPUT CURRENT AND INPUT VOLTAGE (TPS61222) INPUT VOLTAGE, DEVICE DISABLED (TPS61220) Figure 11. Figure 12. OUTPUT VOLTAGE RIPPLE (TPS61220) OUTPUT VOLTAGE RIPPLE (TPS61221) Figure 13. Figure 14. 8 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): TPS61220 TPS61221 TPS61222 |
Numéro de pièce similaire - TPS61222DCKR |
|
Description similaire - TPS61222DCKR |