Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP2G32YFPR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP2G32YFPR
Description  LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G32YFPR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74AUP2G32YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 9Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 10Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 11Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
CL
VM
VI
V
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
5, 10, 15, 30 pF
VCC/2
VCC
0.3 V
Output
Waveform 1
S1 at 2 xVCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH - V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ/tPZL
tPHZ/tPZH
2 x VCC
GND
TEST
S1
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
GND
5 kΩ
5 kΩ
2 x VCC
SN74AUP2G32
SCES754B – SEPTEMBER 2009 – REVISED MAY 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(Enable and Disable Times)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPLH and tPHL are the same as tpd.
G.
All parameters and waveforms are not applicable to all devices.
Figure 4. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G32


Numéro de pièce similaire - SN74AUP2G32YFPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DCKR TI1-SN74AUP2G34DCKR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DRYR TI1-SN74AUP2G34DRYR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DSFR TI1-SN74AUP2G34DSFR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34YFPR TI1-SN74AUP2G34YFPR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
More results

Description similaire - SN74AUP2G32YFPR

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-OR Gate
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
[Old version datasheet]   DUAL 2 INPUT POSITIVE OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com