Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS57114QRTERQ1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS57114QRTERQ1
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57114QRTERQ1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS57114QRTERQ1 Datasheet HTML 5Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 6Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 7Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 8Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 9Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 10Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 11Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 12Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
170
190
210
230
250
270
290
310
Vin = 3.3 V
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
55
60
65
70
75
80
85
90
95
100
105
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
Vin = 3.3 V
-4
-3.9
-3.8
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
Vin = 5 V,
Ven = Threshold +50 mV
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
Vin = 3.3 V, rising
Vin = 3.3 V, falling
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
-50
-30
-10
10
30
50
70
90
110
130
150
T - Junction Temperature - °C
J
Vin = 5 V
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
Vin = 5 V,
Ven = Threshold -50 mV
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
TPS57114-Q1
www.ti.com
SLVSAH5B – DECEMBER 2010 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS CURVES (continued)
TRANSCONDUCTANCE (SLOW START) vs
TRANSCONDUCTANCE vs TEMPERATURE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EN PIN VOLTAGE vs TEMPERATURE
EN PIN CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs TEMPERATURE
CHARGE CURRENT vs TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2010–2012, Texas Instruments Incorporated
9


Numéro de pièce similaire - TPS57114QRTERQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS57114-EP TI-TPS57114-EP Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57114-EP TI-TPS57114-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114C-Q1 TI1-TPS57114C-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
TPS57114CQRTERQ1 TI1-TPS57114CQRTERQ1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
More results

Description similaire - TPS57114QRTERQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com