Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS57040QDRCRQ1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS57040QDRCRQ1
Description  0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57040QDRCRQ1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS57040QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 12Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 13Page - Texas Instruments TPS57040QDRCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
30
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
150
V
=0.2V
(SS/TR)
V =12V
I
T -JunctionTemperature-°C
J
0
100
200
300
400
500
0
100
200
300
400
500
600
700
800
VSENSE-mV
V =12V,
I
T =25 C
J
o
2
2.25
2.50
2.75
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
1.7
1.9
2.1
2.3
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
85
90
95
100
105
110
115
-50
-25
0
25
50
75
100
125
150
VSENSEFalling
VSENSERising
VSENSEFalling
VSENSERising
V =12V
I
T -JunctionTemperature-°C
J
TPS57040-Q1
SLVSAP4B – DECEMBER 2010 – REVISED AUGUST 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
PWRGD ON RESISTANCE vs JUNCTION TEMPERATURE
PWRGD THRESHOLD vs JUNCTION TEMPERATURE
Figure 19.
Figure 20.
BOOT-PH UVLO vs JUNCTION TEMPERATURE
INPUT VOLTAGE (UVLO) vs JUNCTION TEMPERATURE
Figure 21.
Figure 22.
SS/TR TO VSENSE OFFSET vs VSENSE
SS/TR TO VSENSE OFFSET vs TEMPERATURE
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS57040-Q1


Numéro de pièce similaire - TPS57040QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS57040-Q1 TI-TPS57040-Q1_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS57040-Q1 0.5-A 42-V Step-Down DC-DC Converter With Eco-mode?
More results

Description similaire - TPS57040QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com