Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54719 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54719
Description  2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54719 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS54719 Datasheet HTML 1Page - Texas Instruments TPS54719 Datasheet HTML 2Page - Texas Instruments TPS54719 Datasheet HTML 3Page - Texas Instruments TPS54719 Datasheet HTML 4Page - Texas Instruments TPS54719 Datasheet HTML 5Page - Texas Instruments TPS54719 Datasheet HTML 6Page - Texas Instruments TPS54719 Datasheet HTML 7Page - Texas Instruments TPS54719 Datasheet HTML 8Page - Texas Instruments TPS54719 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TPS54719
www.ti.com
SLVSB69 – JUNE 2012
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 140°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
2.95
6
V
Internal under voltage lockout threshold
Rising VIN
2.4
2.8
V
Internal UVLO hysteresis
0.2
V
Shutdown supply current
EN = 0 V, 2.95 V
≤ VIN ≤ 6 V
1
5
μA
Quiescent Current - Iq
VSENSE = 620 mV, RT = 84 kΩ
455
550
μA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.16
1.25
1.37
V
Falling
1.18
Enable threshold + 50 mV
-3.6
Input current
μA
Enable threshold – 50 mV
-0.7
VOLTAGE REFERENCE (VSENSE PIN)
Voltage Reference
2.95 V
≤ VIN ≤ 6 V, –40°C <TJ < 140°C
0.588
0.600
0.612
V
MOSFET
BOOT-PH = 5 V; TJ = 25°C
26
60
High side switch resistance
m
BOOT-PH = 2.95 V; TJ = 25°C
35
70
VIN = 5 V; TJ = 25°C
26
60
Low side switch resistance
m
VIN = 2.95 V; TJ = 25°C
35
70
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gm)
–2
μA < I(COMP) < 2 μA, V(COMP) = 1 V
250
μmhos
Error amplifier transconductance (gm) during
–2
μA < I(COMP) < 2 μA, V(COMP) = 0.9 V,
85
μmhos
slow start
Vsense = 0.3 V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
±20
μA
COMP to Iswitch gm
25
A/V
CURRENT LIMIT
Current limit threshold
8.5
10.5
A
Low-side reverse current limit
–1.5
–2.7
A
THERMAL SHUTDOWN
Thermal Shutdown
150
155
°C
Hysteresis
7.5
°C
TIMING RESISTOR (RT PIN)
Switching frequency range using RT mode
200
2000
kHz
Switching frequency
Rt = 84 k
400
490
600
kHz
PH (PH PIN)
Minimum On time
Measured at 50% points on PH, VIN = 5 V,
100
ns
IOUT = 500 mA
Minimum On time
Measured at 50% points on PH, VIN = 5 V,
64
ns
IOUT = 7 A
Minimum Off time
Prior to skipping off pulses, BOOT-PH = 2.95 V,
0
ns
IOUT = 4 A
Rise/Fall time
VIN = 5 V
1.5
V/ns
Prior to skipping off pulses. BOOT-PH = 2.95 V,
ns
Dead time
70
IOUT = 4 A
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54719


Numéro de pièce similaire - TPS54719

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54719 TI-TPS54719 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719RTER TI1-TPS54719RTER Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719RTET TI1-TPS54719RTET Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results

Description similaire - TPS54719

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com