Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54719 Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54719
Description  2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54719 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button TPS54719 Datasheet HTML 23Page - Texas Instruments TPS54719 Datasheet HTML 24Page - Texas Instruments TPS54719 Datasheet HTML 25Page - Texas Instruments TPS54719 Datasheet HTML 26Page - Texas Instruments TPS54719 Datasheet HTML 27Page - Texas Instruments TPS54719 Datasheet HTML 28Page - Texas Instruments TPS54719 Datasheet HTML 29Page - Texas Instruments TPS54719 Datasheet HTML 30Page - Texas Instruments TPS54719 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
Output Current (A)
VIN = 3.3 V
VIN = 5 V
G005
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
IOUT = 3 A
G004
V = 100 mV / div (ac coupled)
IN
Time = 1 µsec / div
PH = 2 V / div
100
1000
10000
100000
1000000
−60
−50
−40
−30
−20
−10
0
10
20
30
40
50
60
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
Frequency (Hz)
Gain
Phase
G001
V
= 1 V / div
OUT
Time = 200 µsec / div
EN = 2 V / div
V = 5 V / div
IN
PWRGD = 5 V / div
V
= 20 mV / div (ac coupled)
OUT
Time = 1 µsec / div
PH = 2 V / div
TPS54719
www.ti.com
SLVSB69 – JUNE 2012
POWER DOWN RELATIVE TO EN
OUTPUT RIPPLE, IOUT = 7 A
Figure 41.
Figure 42.
INPUT RIPPLE, IOUT = 7 A
CLOSED LOOP RESPONSE, VIN = 5 V, IOUT = 3.5 A
Figure 43.
Figure 44.
OUTPUT VOLTAGE REGULATION
OUTPUT VOLTAGE REGULATION
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 45.
Figure 46.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TPS54719


Numéro de pièce similaire - TPS54719

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54719 TI-TPS54719 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719RTER TI1-TPS54719RTER Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719RTET TI1-TPS54719RTET Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results

Description similaire - TPS54719

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com