Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALVCF162834GR Fiches technique(PDF) 4 Page - Texas Instruments |
|
SN74ALVCF162834GR Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 14 page www.ti.com ELECTRICAL CHARACTERISTICS TIMING REQUIREMENTS SN74ALVCF162834 3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS SCES409B – AUGUST 2002 – REVISED OCTOBER 2004 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = -0.1 mA 2.3 V to 3.6 V VCC - 0.2 IOH = -6 mA 1.9 2.3 V IOH = -8 mA 1.7 VOH IOH = -6 mA 2.2 V 2.7 V IOH = -12 mA 2 IOH = -8 mA 2.4 3 V IOH = -18 mA 2 IOL = 0.1 mA 2.3 V to 3.6 V 0.2 IOL = 6 mA 0.4 2.3 V IOL = 8 mA 0.55 VOL IOL = 6 mA 0.4 V 2.7 V IOL = 12 mA 0.6 IOL = 8 mA 0.55 3 V IOL = 18 mA 0.8 VIK VCC = 2.3 V, II = -18 mA 3.6 V -1.2 V Vhys VCC = 3.6 V 3.6 V 100 mV II VI = VCC or GND 3.6 V ±5 µA IOZ VO = VCC or GND 3.6 V ±10 µA ICC VI = VCC or GND, IO = 0 3.6 V 0.1 40 µA ∆I CC One input at VCC - 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Ci Inputs VI = 0 V 3.3 V 3 pF Co Outputs VO = 0 V 3.3 V 4 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 and Figure 2) VCC = 2.5 V VCC = 3.3 V VCC = 2.7 V ± 0.2 V ± 0.3 V UNIT MIN MAX MIN MAX MIN MAX fclock Clock frequency 150 150 150 MHz LE low 3.3 3.3 3.3 tw Pulse duration ns CLK high or low 3.3 3.3 3.3 Data before CLK ↑ 1.8 1.5 1 tsu Setup time CLK high 1.9 1.6 1.5 ns Data before LE ↑ CLK low 1.3 1.1 1 Data after CLK ↑ 0.6 0.6 0.6 th Hold time ns Data after LE ↑ CLK high or low 1.4 1.7 1.4 4 |
Numéro de pièce similaire - SN74ALVCF162834GR |
|
Description similaire - SN74ALVCF162834GR |