Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43335QDAPRQ1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS43335QDAPRQ1
Description  LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43335QDAPRQ1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS43335QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 9Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 10Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 11Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 12Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 13Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 14Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TPS43335-Q1
TPS43336-Q1
www.ti.com
SLVSAV6B – JUNE 2011 – REVISED JULY 2012
PIN FUNCTIONS (continued)
NAME
NO.
I/O
DESCRIPTION
Soft-start or tracking input for buck controller BuckB. The buck controller regulates the FBB voltage to the lower of
0.8 V or the SSB pin voltage. An internal pullup current source of 1 µA is present at the pin, and an appropriate
SSB
25
O
capacitor connected here can be used to set the soft-start ramp interval. A resistor-divider connected to another
supply can also be used to provide a tracking input to this pin.
If an external clock is present on this pin, the device detects it and the internal PLL locks onto the external clock.
This overrides the internal oscillator frequency. The device can synchronize to frequencies from 150 kHz to 600
kHz. A high logic level on this pin ensures forced continuous-mode operation of the buck controllers and inhibits
SYNC
20
I
transition to low-power mode. An open or low allows discontinuous mode operation and entry into low-power
mode at light loads. On the TPS43332, a high level enables frequency-hopping spread spectrum, whereas an
open or a low level disables it.
Battery input sense for the boost controller. If the boost controller is enabled and the voltage at VBAT falls below
VBAT
1
I
the boost threshold, the device activates the boost controller and regulates the voltage at VIN to the programmed
boost output voltage.
Main Input pin. This is the buck controller input pin as well as the output of the boost regulator. Additionally, it
VIN
38
I
powers the internal control circuits of the device.
An external capacitor on this pin is required to provide a regulated supply for the gate drivers of the buck and
boost controllers. A capacitance in the order of 4.7 µF is recommended. The regulator can be used such that it is
VREG
35
O
either powered from VIN or EXTSUP. This pin has current-limit protection and should not be used to drive any
other loads.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS43335-Q1 TPS43336-Q1


Numéro de pièce similaire - TPS43335QDAPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Boost, Dual Synchronous-Buck Controller
More results

Description similaire - TPS43335QDAPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com