Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43335QDAPRQ1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS43335QDAPRQ1
Description  LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43335QDAPRQ1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS43335QDAPRQ1 Datasheet HTML 2Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 3Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 4Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 5Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 9Page - Texas Instruments TPS43335QDAPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TPS43335-Q1
TPS43336-Q1
SLVSAV6B – JUNE 2011 – REVISED JULY 2012
www.ti.com
DC ELECTRICAL CHARACTERISTICS (continued)
VIN = 8 V to 18 V, TJ = –40°C to 150°C (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4.0
Boost Controller
4.1
Vboost7-VIN
Boost VOUT = 7 V
DIV = low, VBAT = 2 V to 7 V
6.8
7
7.3
V
Boost-enable threshold
Boost VOUT = 7 V, VBAT falling
7.5
8
8.5
4.2
Vboost7-th
Boost-disable threshold
Boost VOUT = 7 V, VBAT falling
8
8.5
9
V
Boost hysteresis
Boost VOUT = 7 V, VBAT falling
0.4
0.5
0.6
4.3
Vboost10-VIN
Boost VOUT = 10 V
DIV = open, VBAT = 2 V to 10 V
9.7
10
10.4
V
Boost-enable threshold
Boost VOUT = 10 V, VBAT falling
10.5
11
11.5
4.4
Vboost10-th
Boost-disable threshold
Boost VOUT = 10 V, VBAT falling
11
11.5
12
V
Boost hysteresis
Boost VOUT = 10 V, VBAT falling
0.4
0.5
0.6
4.5
Vboost11-VIN
Boost VOUT = 11 V
DIV = VREG, VBAT = 2 V to 11 V
10.7
11
11.4
V
Boost-enable threshold
Boost VOUT = 11 V, VBAT falling
11.5
12
12.5
4.6
Vboost11-th
Boost-disable threshold
Boost VOUT = 11 V, VBAT falling
12
12.5
13
V
Boost hysteresis
Boost VOUT = 11 V, VBAT falling
0.4
0.5
0.6
Boost-Switch Current Limit
4.7
VDS
Current-limit sensing
DS input with respect to PGNDA
0.175
0.2
0.225
V
4.8
tDS
Leading-edge blanking
200
ns
Gate Driver for Boost Controller
4.9
IGC1 Peak
Gate-driver peak current
1.5
A
4.10
rDS(on)
Source and sink driver
VREG = 5.8 V, IGC1 current = 200 mA
2
Ω
Gate Driver for PMOS
4.11
rDS(on)
PMOS OFF
10
20
Ω
4.12
IPMOS_ON
Gate current
VIN = 13.5 V, Vgs = –5 V
10
mA
4.13
tdelay_ON
Turnon delay
C = 10 nF
5
10
µs
Boost-Controller Switching Frequency
4.14
fsw-Boost
Boost switching frequency
fSW_Buck / 2
kHz
4.15
DBoost
Boost duty cycle
90%
Error Amplifier (OTA) for Boost Converters
VBAT = 12 V
0.8
1.35
4.16
GmBOOST
Forward transconductance
mS
VBAT = 5 V
0.35
0.65
5.0
Buck Controllers
5.1
VBuckA/B
Adjustable output-voltage range
0.9
11
V
Measure FBX pin
0.792
0.800
0.808
V
Internal reference and tolerance
5.2
Vref, NRM
voltage in normal mode
–1%
1%
Measure FBX pin
0.784
0.800
0.816
V
Internal reference and tolerance
5.3
Vref, LPM
voltage in low-power mode
–2%
2%
V sense for forward-current limit in
5.4
FBx = 0.75 V (low duty cycle)
60
75
90
mV
CCM
Vsense
V sense for reverse-current limit in
5.5
FBx = 1 V
–65
–7.5
–23
mV
CCM
5.6
VI-Foldback
V sense for output short
FBx = 0 V
17
32.5
48
mV
5.7
tdead
Shoot-through delay, blanking time
20
ns
High-side minimum on-time
100
ns
5.8
DCNRM
Maximum duty cycle (digitally
98.75%
controlled)
5.9
DCLPM
Duty cycle, LPM
80%
LPM entry-threshold load current
ILPM_Entry
as fraction of maximum set load
1%
.(3)
current
5.10
LPM exit-threshold load current as
ILPM_Exit
fraction of maximum set load
(3)
10%
current
(3)
The exit threshold is specified to be always higher than the entry threshold.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS43335-Q1 TPS43336-Q1


Numéro de pièce similaire - TPS43335QDAPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Boost, Dual Synchronous-Buck Controller
More results

Description similaire - TPS43335QDAPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com