Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCU04-EP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCU04-EP
Description  HEX INVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCU04-EP Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AHCU04-EP Datasheet HTML 1Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 2Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 3Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 4Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 5Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 6Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 7Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 8Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
Noise Characteristics
(1)
Operating Characteristics
SN74AHCU04-EP
HEX INVERTERS
SCLS706 – MARCH 2007
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –55°C TO 125°C
TEST
PARAMETER
VCC
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
2 V
1.8
1.8
IOH = –50 µA
3 V
2.7
2.7
VOH
4.5 V
4
4
V
IOH = –4 mA
3 V
2.58
2.3
IOH = –8 mA
4.5 V
3.94
3.5
2 V
0.1
0.2
IOL = 50 µA
3 V
0.1
0.3
VOL
4.5 V
0.1
0.5
V
IOL = 4 mA
3 V
0.26
0.5
IOL = 8 mA
4.5 V
0.26
0.5
II
VI = VCC or GND
0 V to 5.5 V
±0.1
±1
µA
VI = VCC or GND,
ICC
5.5 V
2
20
µA
O = 0
Ci
VI = VCC or GND,
5 V
10
10
pF
over operating free-air temperature range, V
CC = 3.3 ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
TA = –55°C TO 125°C
PARAMETE
FROM
TO
VCC
UNIT
R
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
ns
tPLH
1
10.6
1
14
A
Y
CL = 50 pF
ns
tPHL
1
10.6
1
14
over operating free-air temperature range, V
CC = 5 ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
TA = –55°C TO 125°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
ns
tPLH
1
7
1
11
A
Y
CL = 50 pF
ns
tPHL
1
7
1
11
V
CC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P) Quiet output, maximum dynamic VOL
0.5
V
VOL(V) Quiet output, minimun dynamic VOL(V)
–0.5
V
VOH(V) Quiet output, minimun dynamic VOH
4.3
V
VIH(D)
HIgh-level dynamic input voltage VIH(D)
4
V
VIL(D)
Low-level dynamic input voltage VIH(D)
1
V
(1)
Characterists are for surface-mount packages only.
T
A = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load, f = 1 MHz
7.3
pF
3
Submit Documentation Feedback


Numéro de pièce similaire - SN74AHCU04-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCU04-Q1 TI1-SN74AHCU04-Q1 Datasheet
196Kb / 9P
[Old version datasheet]   HEX INVERTER
More results

Description similaire - SN74AHCU04-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com