Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43336-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS43336-Q1
Description  LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43336-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS43336-Q1 Datasheet HTML 4Page - Texas Instruments TPS43336-Q1 Datasheet HTML 5Page - Texas Instruments TPS43336-Q1 Datasheet HTML 6Page - Texas Instruments TPS43336-Q1 Datasheet HTML 7Page - Texas Instruments TPS43336-Q1 Datasheet HTML 8Page - Texas Instruments TPS43336-Q1 Datasheet HTML 9Page - Texas Instruments TPS43336-Q1 Datasheet HTML 10Page - Texas Instruments TPS43336-Q1 Datasheet HTML 11Page - Texas Instruments TPS43336-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TPS43335-Q1
TPS43336-Q1
SLVSAV6B – JUNE 2011 – REVISED JULY 2012
www.ti.com
DC ELECTRICAL CHARACTERISTICS (continued)
VIN = 8 V to 18 V, TJ = –40°C to 150°C (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
12.0
Power Good / Delay
12.1
PGpullup
Pullup for A and B to Sx2
50
k
Ω
12.2
PGth1
Power-good threshold
FBx falling
–5%
–7%
–9%
12.3
PGhys
Hysteresis
2%
12.4
PGdrop
Voltage drop
IPGA = 5 mA
450
mV
12.5
IPGA = 1 mA
100
mV
12.6
PGleak
Power-good leakage
VSx2 = VPGx = 13 V
1
µA
12.7
tdeglitch
Power-good deglitch time
2
16
µs
External capacitor = 1 nF
12.8
tdelay
Reset delay
1
ms
VBUCKX < PGth1
12.9
tdelay_fix
Fixed reset delay
No external capacitor, pin open
20
50
µs
Activate current source (current to
12.10
IOH
30
40
50
µA
charge external capacitor)
Activate current sink (current to
12.11
IIL
30
40
50
µA
discharge external capacitor)
13.0
Overtemperature Protection
Junction-temperature shutdown
13.1
Tshutdown
150
165
°C
threshold
13.2
Thys
Junction-temperature hysteresis
15
°C
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS43335-Q1 TPS43336-Q1


Numéro de pièce similaire - TPS43336-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330AQDAPRQ1 TI1-TPS43330AQDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
More results

Description similaire - TPS43336-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com