Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS27081A Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS27081A
Description  1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS27081A Fiches technique(HTML) 4 Page - Texas Instruments

  TPS27081A Datasheet HTML 1Page - Texas Instruments TPS27081A Datasheet HTML 2Page - Texas Instruments TPS27081A Datasheet HTML 3Page - Texas Instruments TPS27081A Datasheet HTML 4Page - Texas Instruments TPS27081A Datasheet HTML 5Page - Texas Instruments TPS27081A Datasheet HTML 6Page - Texas Instruments TPS27081A Datasheet HTML 7Page - Texas Instruments TPS27081A Datasheet HTML 8Page - Texas Instruments TPS27081A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1
2
3
4
5
6
2.9mm x 1.6mm TSOT-23 (DDC)
(TOP VIEW)
R2
VOUT
VOUT
R1/C1
ON/OFF
VIN
TPS27081ADDC
R2
OUT
OUT
1
2
3
6
5
GND
(Thermal Pad)
R1/C1
ON/OFF
VIN
2mm x 2mm SON-6 (DRV)
(TOP VIEW)
4
TPS27081ADRV PREVIEW ONLY
TPS27081A
SLVSBE9A – APRIL 2012 – REVISED JULY 2012
www.ti.com
DEVICE INFORMATION
TPS27081A PIN DESCRIPTION
PIN
DESCRIPTION
NAME
NUMBER
R2
1
Source Terminal of NMOS (Q2) - Connect to system GND directly or through a slew control resistor
VOUT
2, 3
Drain Terminal of Power PFET (Q1) - Connect a slew control capacitor between pins VOUT/C1 and R1/C1
VIN
4
Source Terminal of Power PFET (Q1) - connect a slew control/pull-up resistor between the pins VIN/R1 and
R1/C1
ON/OFF
5
Active high enable pin – when driven with a high impedance driver connect an external pull down resistor to GND
R1/C1
6
Gate Terminal of Power PFET (Q1)
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS27081A


Numéro de pièce similaire - TPS27081A

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
   Extremely Low RDS (on) P-Channel Load Switch MOSFET
More results

Description similaire - TPS27081A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS27082L TI-TPS27082L Datasheet
1Mb / 19P
[Old version datasheet]   1.2V - 8V, 3A PFET Load Switch with Adjustable Slew Rate, Fast Transient Isolation and Hysteretic Control
logo
Pan Jit International I...
PJS6630 PANJIT-PJS6630 Datasheet
441Kb / 7P
   20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
PJS6631 PANJIT-PJS6631 Datasheet
431Kb / 7P
   20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
logo
Vishay Siliconix
SI4788CY VISHAY-SI4788CY Datasheet
47Kb / 7P
   5-A Controlled Slew Rate Load Switch with Level Shift
Rev. C, 27-Nov-00
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
   1.2 A Slew Rate Controlled Load Switch
01-Jan-2022
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. E, 22-Aug-11
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com