Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2590RSAR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2590RSAR
Description  3-V to 20-V High-Current Load Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2590RSAR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2590RSAR Datasheet HTML 3Page - Texas Instruments TPS2590RSAR Datasheet HTML 4Page - Texas Instruments TPS2590RSAR Datasheet HTML 5Page - Texas Instruments TPS2590RSAR Datasheet HTML 6Page - Texas Instruments TPS2590RSAR Datasheet HTML 7Page - Texas Instruments TPS2590RSAR Datasheet HTML 8Page - Texas Instruments TPS2590RSAR Datasheet HTML 9Page - Texas Instruments TPS2590RSAR Datasheet HTML 10Page - Texas Instruments TPS2590RSAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
6
SD
CT
t
1.0 10
C
=
´
´
RFLT
FAULT
200k
R
I
W
=
LIM
LIM
201k
R
I
W
=
OUT
IN
OUT
V
V
0.04 I
=
-
´
TPS2590
www.ti.com
SLUS960D
– JULY 2009 – REVISED OCTOBER 2011
(2)
The nominal ratio of on-to-off times represents about a 3% duty cycle when a hard fault is present on the output
of an autoretry version part.
FLT: Open-drain output that pulls low on any condition that causes the output to open. These conditions are
either an overload with a fault time-out, or a thermal shutdown. FLT becomes operational before UV, when VIN is
greater than 1 V. IFLT may not be set below 1 A to maintain the Fault Current Limit threshold accuracy listed in
Electrical Characteristics. Some parts may not current limit or fault as expected.
GND: This is the most negative voltage in the circuit and is used as reference for all voltage measurements
unless otherwise specified.
IFLT: A resistor connected from this pin to ground sets the fault current threshold (IFAULT). Currents between the
fault current threshold and the current limit are permitted to flow unimpeded for the period set by the fault timer
programmed on CT. This permits loads to draw momentary surges while maintaining the protection provided by a
lower average-current limit.
The fault timer implemented by CT starts charging CT when current through VIN exceeds IFAULT. If the current
doesn
’t drop below the IFAULT level before VCT reaches its upper threshold, the output will be shut off. The fault
current resistor is set by the following formula where IFAULT is in Amperes and RRFLT is in Ohms.
(3)
ILIM: A resistor connected from this pin to ground sets ILIM. The TPS2590 will limit current to ILIM. If the current
doesn
’t drop below the IFAULT level before the timer times out then the output will be shut off. RLIM is set by the
formula:
(4)
ILIM must be set sufficiently larger than IFAULT to ensure that lLIM could never be less than IFAULT, even after taking
tolerances into account.
EN: When this pin is pulled low, the IC is enabled. The input threshold is hysteretic, allowing the user to program
a startup delay with an external RC circuit. EN is pulled to VIN by a 10-M
Ω resistor, pulled to GND by 16.8 MΩ
and is clamped to ground by a 7-V Zener diode. Because high impedance pullup/down resistors are used to
reduce current draw, any external FET controlling this pin should be low leakage.
IN: Input voltage to the TPS2590. The recommended operating voltage range is 3 V to 18 V. All VIN pins should
be connected together and to the power source.
OUT: Output connection for the TPS2590. When switched on the output voltage will be approximately:
(5)
All OUT pins should be connected together and to the load.
RTRY: When pulled low the TPS2590 will attempt to restart after a fault. If left floating or pulled high the
TPS2590 will latch off after a fault. This pin is internally clamped at 3 V and is pulled to the internal 3-V supply by
a diode in series with a 100-k
Ω resistor.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2590


Numéro de pièce similaire - TPS2590RSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25910RSAR TI-TPS25910RSAR Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25910RSAT TI-TPS25910RSAT Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Description similaire - TPS2590RSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
Vishay Siliconix
SIP32448 VISHAY-SIP32448 Datasheet
483Kb / 12P
   1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
Rev. C, 24-Aug-15
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
08-Feb-17
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. F, 06-May-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. D, 01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jan-2022
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059_13 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
logo
Vishay Telefunken
SIP32451 TFUNK-SIP32451 Datasheet
199Kb / 13P
   0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Texas Instruments
TPS7H2201-SP TI1-TPS7H2201-SP_18 Datasheet
917Kb / 32P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
logo
Vishay Siliconix
SIP32501 VISHAY-SIP32501_V01 Datasheet
181Kb / 11P
   0.9 V to 2.5 V, 66 m??Load Switch in TDFN4
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com