Moteur de recherche de fiches techniques de composants électroniques |
|
TPD12S016 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
TPD12S016 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 26 page TPD12S016 www.ti.com SLLSE96C – SEPTEMBER 2011 – REVISED JULY 2012 SWITCHING CHARACTERISTICS PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Bus Load Capacitance (B Side) 750 CL pF Bus Load Capacitance (A Side) 15 Voltage Level Shifter – SCL, SDA Lines (x_A and x_B ports) VCCA = 1.2 V PARAMETER PINS TEST CONDITIONS MIN TYP MAX UNIT A to B SCL/SDA Channels Enabled 310 tPHL Propagation delay nS B to A SCL/SDA Channels Enabled 420 A to B SCL/SDA Channels Enabled 510 tPLH Propagation delay nS B to A SCL/SDA Channels Enabled 427 A Port fall time A-Port SCL/SDA Channels Enabled 334 tFALL nS B Port fall time B-Port SCL/SDA Channels Enabled 225 A Port rise time A-Port SCL/SDA Channels Enabled 315 tRISE nS B Port rise time B-Port SCL/SDA Channels Enabled 415 F(MAX) Maximum switching frequency SCL/SDA Channels Enabled 400 kHz Voltage Level Shifter – CEC Lines (x_A and x_B ports) VCCA = 1.2 V PARAMETER PINS TEST CONDITIONS MIN TYP MAX UNIT A to B CEC Channel Enabled 385 tPHL Propagation delay nS B to A CEC Channel Enabled 526 A to B CEC Channel Enabled 13.8 µS tPLH Propagation delay B to A CEC Channel Enabled 16.6 nS A Port fall time A-Port CEC Channel Enabled 334 tFALL nS B Port fall time B-Port CEC Channel Enabled 170 A Port rise time A-Port CEC Channel Enabled 315 nS tRISE B Port rise time B-Port CEC Channel Enabled 28 µS Voltage Level Shifter – HPD Lines (x_A and x_B ports) VCCA = 1.2 V PARAMETER PINS TEST CONDITIONS MIN TYP MAX UNIT tPHL Propagation delay B to A HPD Channel Enabled 14.4 µS tPLH Propagation delay B to A HPD Channel Enabled 9.2 µS tFALL A Port fall time A-Port HPD Channel Enabled 2.1 nS tRISE A Port rise time A-Port HPD Channel Enabled 2.1 nS Voltage Level Shifter – SCL, SDA Lines (x_A and x_B ports) VCCA = 1.5 V PARAMETER PINS TEST CONDITIONS MIN TYP MAX UNIT A to B SCL/SDA Channels Enabled 310 nS tPHL Propagation delay B to A SCL/SDA Channels Enabled 420 nS A to B SCL/SDA Channels Enabled 410 nS tPLH Propagation delay B to A SCL/SDA Channels Enabled 425 nS A Port fall time A-Port SCL/SDA Channels Enabled 250 nS tFALL B Port fall time B-Port SCL/SDA Channels Enabled 225 nS A Port rise time A-Port SCL/SDA Channels Enabled 315 nS tRISE B Port fall time B-Port SCL/SDA Channels Enabled 415 nS Maximum switching F(MAX) SCL/SDA Channels Enabled 400 kHz frequency Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s) :TPD12S016 |
Numéro de pièce similaire - TPD12S016 |
|
Description similaire - TPD12S016 |