Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5951 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5951
Description  24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951 Fiches technique(HTML) 5 Page - Texas Instruments

  TLC5951 Datasheet HTML 1Page - Texas Instruments TLC5951 Datasheet HTML 2Page - Texas Instruments TLC5951 Datasheet HTML 3Page - Texas Instruments TLC5951 Datasheet HTML 4Page - Texas Instruments TLC5951 Datasheet HTML 5Page - Texas Instruments TLC5951 Datasheet HTML 6Page - Texas Instruments TLC5951 Datasheet HTML 7Page - Texas Instruments TLC5951 Datasheet HTML 8Page - Texas Instruments TLC5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
D
(%)=
-
1
(I
+I
+I
)
OUTR0
7
OUTG0
7
OUTB0
7
+
+I
+
+I
+
+I
¼
¼
¼
OUTR
OUTG
OUTB
24
´
100
(I
+I
+...+I
)
OUTX0
OUTX1
OUTX6 +IOUTX7
8
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+
+
+I
+I
)
OUTR0
OUTG0
OUTB0
¼
I
+
+I
+
+I
OUTR7
OUTG7
OUTB7
¼
¼
24
´
100
I
=40 ´
OUT(IDEAL, mA)
1.20
R
( )
W
IREF
100
(I
atV
=3.0V)
OUTXn
CC
(I
atV
=5.5V)
(I
atV
=3.0V)
OUTXn
CC
OUTXn
CC
-
5.5V
3V
-
D (%/V)=
´
100
3V
1V
-
´
(I
atV
=1V)
OUTXn
OUTXn
(I
atV
=3V)
(I
atV
=1V)
-
OUTXn
OUTXn
OUTXn
OUTXn
D (%/V)=
TLC5951
www.ti.com
SBVS127B – MARCH 2009 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, VCC = 3 V to 5.5 V, and VLED = 5 V, unless otherwise noted. Typical values are at TA = +25°C and
VCC = 3.3 V.
TLC5951
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At OUTR0-OUTR7, OUTG0-OUTG7 and OUTB0-OUTB7,
Constant current error(2)
All OUTRn/Gn/Bn = on, BCR/G/B = FFh,
ΔIOLC1
(color group to color
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
±1
±3
%
group in same device)
VOUTRn/Gn/Bn = 1 V, VOUTfix = 1 V,
RIREF = 1.2 kΩ (IOUTRn/Gn/Bn = 40 mA target)
At OUTR0-OUTR7, OUTG0-OUTG7 and OUTB0-OUTB7,
All OUTRn/Gn/Bn = on, BCR/G/B = FFh,
Constant current error(3)
ΔIOLC2
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
±1
±6
%
(device to device)
VOUTRn/Gn/Bn = 1 V, VOUTfix = 1 V,
RIREF = 1.2 kΩ (IOUTRn/Gn/Bn = 40 mA target)
At OUTR0-OUTR7, OUTG0-OUTG7 and OUTB0-OUTB7,
All OUTRn/Gn/Bn = on, BCR/G/B = FFh,
ΔIOLC3
Line regulation(4)
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
±0.5
±2
%/V
VOUTRn/Gn/Bn = 1 V, VOUTfix = 1 V,
RIREF = 1.2 kΩ (IOUTRn/Gn/Bn = 40 mA target)
At OUTR0-OUTR7, OUTG0-OUTG7 and OUTB0-OUTB7,
All OUTRn/Gn/Bn = on, BCR/G/B = FFh,
ΔIOLC4
Load regulation(5)
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
±1
±3
%/V
VOUTRn/Gn/Bn = 1 V, VOUTfix = 1 V,
RIREF = 1.2 kΩ (IOUTRn/Gn/Bn = 40 mA target)
Thermal error flag
TTEF
Junction temperature
150
163
175
°C
threshold(6)
Thermal error flag
THYS
Junction temperature
5
10
20
°C
hysteresis(6)
LED open detection
VLOD
All OUTRn/Gn/Bn = on
0.20
0.25
0.30
V
threshold
LED short detection
VLSD
All OUTRn/Gn/Bn = on
2.4
2.5
2.6
V
threshold
VIREF
Reference voltage output
RIREF = 1.2 kΩ
1.17
1.20
1.23
V
RPDWN
Pull-down resistor
At XBLNK, GSSIN
250
500
750
k
(2)
The deviation of each color group in the same device from the average of all constant current. The deviation is calculated by the formula
(X = R, G, or B):
(3)
The deviation of the all constant-current average from the ideal constant-current value. The deviation is calculated by the formula:
Ideal current is calculated by the following equation:
(4)
Line regulation is calculated by the following equation (X = R, G, or B; n = 0-7):
(5)
Load regulation is calculated by the following equation (X = R, G, or B; n = 0-7):
(6)
Not tested; specified by design.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5951


Numéro de pièce similaire - TLC5951

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951RTAR TI1-TLC5951RTAR Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951TDA2 TI1-TLC5951TDA2 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951TDA3 TI1-TLC5951TDA3 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
More results

Description similaire - TLC5951

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com