Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB117H Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FSB117H
Description  mWSaver??Fairchild Power Switch (FPS??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB117H Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FSB117H Datasheet HTML 1Page - Fairchild Semiconductor FSB117H Datasheet HTML 2Page - Fairchild Semiconductor FSB117H Datasheet HTML 3Page - Fairchild Semiconductor FSB117H Datasheet HTML 4Page - Fairchild Semiconductor FSB117H Datasheet HTML 5Page - Fairchild Semiconductor FSB117H Datasheet HTML 6Page - Fairchild Semiconductor FSB117H Datasheet HTML 7Page - Fairchild Semiconductor FSB117H Datasheet HTML 8Page - Fairchild Semiconductor FSB117H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.5
FSB117H / FSB127H / FSB147H
mWSaver™ Fairchild Power Switch (FPS™)
Features
mWSaver™ Technology
Achieve Low No-Load Power Consumption Less
than 40mW at 230VAC (EMI Filter Loss Included)
Meets 2013 ErP Standby Power Regulation (Less
than 0.5W Consumption with 0.25W Load) for ATX
Power and LCD TV Power
Eliminate X-Cap Discharge Resistor Loss with
Ax-CAP™ Technology
Linearly Decreased Switching Frequency at Light-
Load
Condition
and
Advanced
Burst
Mode
Operation at No-Load Condition
700V High-Voltage JFET Startup Circuit to
Eliminate the Startup Resistor Loss
Highly Integrated with Rich Features
Internal Avalanche-Rugged 700V SenseFET
Built-in 5ms Soft-Start
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Leading-Edge Blanking (LEB)
Synchronized Slope Compensation
Proprietary Asynchronous Jitter to Reduce EMI
Advanced Protection
Internal Overload / Open-Loop Protection (OLP)
VDD Under-Voltage Lockout (UVLO)
VDD Over-Voltage Protection (OVP)
Constant Power Limit (Full AC Input Range)
Internal Auto Restart Circuit (OLP, VDD OVP, OTP)
Internal OTP Sensor with Hysteresis
Adjustable Peak Current Limit
Related Resources
 Evaluation Board: FEBFSB127H_T001
 Fairchild Power Supply WebDesigner — Flyback
Design & Simulation - In Minutes at No Expense
Description
The FSB-series is a next-generation, green-mode
Fairchild Power Switch (FPS™) incorporating Fairchild’s
innovative mWSaver™ technology, which dramatically
reduces standby and no-load power consumption,
enabling conformance to all worldwide Standby Mode
efficiency guidelines. It integrates an advanced current-
mode pulse width modulator (PWM) and an avalanche-
rugged 700V SenseFET in a single package, allowing
auxiliary power designs with higher standby energy
efficiency, reduced size, improved reliability, and lower
system cost than previous solutions.
Fairchild
Semiconductor’s
mWSaver™
technology
offers best-in-class minimum no-load and light-load
power consumption. An innovative Ax-CAP™ method,
one of the five proprietary mWSaver™ technologies,
minimizes losses in the EMI filter stage by eliminating
the X-cap discharge resistors while still meeting
IEC61010-1 safety requirement. mWSaver™ Green
Mode gradually decreases switching frequency as load
decreases to minimize switching losses.
A new proprietary asynchronous jitter decreases EMI
emission and built-in synchronized slope compensation
allows stable peak-current-mode control over a wide
range of input voltage. The proprietary internal line
compensation ensures constant output power limit over
entire universal line voltage range.
Requiring a minimum number of external components,
the FSB-series provides a basic platform that is well
suited for the cost-effective flyback converter design
with low standby power consumption.
Applications
General-purpose switched-mode power supplies and
flyback power converters, including:
Auxiliary Power Supply for PC, Server, LCD TV,
and Game Console
SMPS for VCR, SVR, STB, DVD, and DVCD
Player, Printer, Facsimile, and Scanner
General Adapter
LCD Monitor Power / Open-Frame SMPS


Numéro de pièce similaire - FSB117H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H_13 Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
More results

Description similaire - FSB117H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H_13 Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com