Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM4300IPZ Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 6Page - Texas Instruments TCM4300IPZ Datasheet HTML 7Page - Texas Instruments TCM4300IPZ Datasheet HTML 8Page - Texas Instruments TCM4300IPZ Datasheet HTML 9Page - Texas Instruments TCM4300IPZ Datasheet HTML 10Page - Texas Instruments TCM4300IPZ Datasheet HTML 11Page - Texas Instruments TCM4300IPZ Datasheet HTML 12Page - Texas Instruments TCM4300IPZ Datasheet HTML 13Page - Texas Instruments TCM4300IPZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
1–4
1.4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AFC
11
O
Automatic frequency control. The AFC DAC output provides the means to adjust
system temperature-compensated reference oscillator (TCXO).
AGC
10
O
Automatic gain control. The AGC digital-to-analog converter (DAC) output can be
used to control the gain of system receiver circuits.
AVDDREF
3
Analog supply voltage for FM receive path. Power applied to AVDDREF powers the
FM receive path circuitry.
AVDDRX
7
Analog supply voltage for receive path. Power applied to AVDDRX powers the receive
path circuitry.
AVDDTX
19
Analog supply voltage for transmit path. Power applied to AVDDTX powers the
transmit path circuitry.
AVSSREF
98
Analog ground for REFCAP
AVSSRX
12
Analog ground for receive path
AVSSTX
22
Analog ground for transmit path
BAT
1
I
Battery strength monitor. A sample of the battery voltage is applied to BAT, and this
sample monitors the battery strength.
CINT
77
O
Controller data interrupt. CINT is the microcontroller data interrupt (active low) signal
that is sent to the DSP. CINT is caused by a microcontroller write to the Send-C
interrupt register location.
CMCLK
92
O
Codec master clock. CMCLK provides a 2.048-MHz clock that is used as the master
clock and bit clock for the speech codec.
CSCLK
93
O
Codec sample clock. CSCLK provides an 8-kHz frame synchronization pulse for the
speech codec. CSCLK is also connected to the DSP for speech sample interrupts.
DINT
49
O
Microcontroller interrupt request. DINT is output when the DSP writes to the SEND
DINT register location. DINT can be active high or low according to the levels of the
MTS0 and MTS1 signals.
DSPA0
74
I
DSP 4-bit parallel address bus. DSPA0 through DSPA3 provides the address bus for
DSPA1
73
the DSP interface. DSPA3 is the MSB, and DSPA0 is the LSB.
DSPA2
72
DSPA3
71
DSPCSL
70
I
DSP chip select (active low). A low signal at DSPCSL enables the specific DSP
addressed.
DSPD0
80
I/O/Z
DSP 10-bit parallel data bus. DSPD0 through DSPD9 provide a 10-bit data bus for the
DSPD1
81
DSP. DSPD9 is the MSB, and DSPD0 is the LSB.
DSPD2
82
DSPD3
83
DSPD4
84
DSPD5
85
DSPD6
86
DSPD7
87
DSPD8
88
DSPD9
89
† Z = high impedance


Numéro de pièce similaire - TCM4300IPZ

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
TCM4-14 MINI-TCM4-14 Datasheet
254Kb / 1P
   RF Transformer
TCM4-14++ MINI-TCM4-14+ Datasheet
254Kb / 1P
   RF Transformer
TCM4-19 MINI-TCM4-19 Datasheet
258Kb / 1P
   RF Transformer
TCM4-19++ MINI-TCM4-19+ Datasheet
258Kb / 1P
   RF Transformer
TCM4-1W MINI-TCM4-1W Datasheet
316Kb / 1P
   RF Transformer
More results

Description similaire - TCM4300IPZ

FabricantNo de pièceFiches techniqueDescription
logo
Mitsumi Electronics, Co...
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
   Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
   Interface Connectors for Cellular Telephone
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com