Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM320AC46IDW Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TCM320AC46IDW
Description  GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC46IDW Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TCM320AC46IDW Datasheet HTML 5Page - Texas Instruments TCM320AC46IDW Datasheet HTML 6Page - Texas Instruments TCM320AC46IDW Datasheet HTML 7Page - Texas Instruments TCM320AC46IDW Datasheet HTML 8Page - Texas Instruments TCM320AC46IDW Datasheet HTML 9Page - Texas Instruments TCM320AC46IDW Datasheet HTML 10Page - Texas Instruments TCM320AC46IDW Datasheet HTML 11Page - Texas Instruments TCM320AC46IDW Datasheet HTML 12Page - Texas Instruments TCM320AC46IDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TCM320AC46
GENERALPURPOSE AUDIO INTERFACE FOR DSP
SLWS001 − D4091, JUNE 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
9
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range at DOUT, VO
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage rangeat DIN, VI
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage value is with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DW
1025 mW
8.2 mW/
°C
656 mW
N
1150 mW
9.2 mW/
°C
736 mW
recommended operating conditions (see Note 2)
MIN
MAX
UNIT
Supply voltage, VCC (see Note 3)
4.5
5.5
V
High-level input voltage, VIH
2.2
V
Low-level input voltage, VIL
0.8
V
Load resistance between EARA and EARB, RL (see Note 4)
50
Load capacitance between EARA and EARB, CL (see Note 4)
113
nF
Operating free-air temperature, TA
0
70
°C
NOTES: 2. To avoid possible damage to these CMOS devices and resulting reliability problems, the following sequence should be followed when
applying power:
1. Connect to GND.
2. Connect VCC.
3. Connect the input signals.
When removing power, follow the preceding steps in reverse order.
3. Voltages at analog inputs and outputs and VCC are with respect to GND.
4. RL and CL should not be applied simultaneously.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
supply current, fDCLKR or fDCLKX = 2.048 MHz, outputs not loaded
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Operating
PDN is high with CLK signal present
14
ICC
Supply current from VCC
Power down
PDN is low for 500
µs
1.5
mA
ICC
Supply current from VCC
Standby − both
PDN is high with FSX and FSR missing for 500
µs
2.5
mA
Standby − one
PDN is high with FSX and FSR missing for 500
µs
10


Numéro de pièce similaire - TCM320AC46IDW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDW TI-TCM320AC36CDW Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDWR TI-TCM320AC36CDWR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CN TI-TCM320AC36CN Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CNR TI-TCM320AC36CNR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
More results

Description similaire - TCM320AC46IDW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
WM0011 CIRRUS-WM0011 Datasheet
2Mb / 233P
   General Purpose Low-Power Audio DSP
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19