Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA7408ZSZR Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TCA7408ZSZR
Description  Low-Voltage 8-Bit I2C and SMBus I/O Expander with Interrupt Output, RESET, I/ODirection Registers, and Programmable Pull-up/Pull-down
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA7408ZSZR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TCA7408ZSZR Datasheet HTML 7Page - Texas Instruments TCA7408ZSZR Datasheet HTML 8Page - Texas Instruments TCA7408ZSZR Datasheet HTML 9Page - Texas Instruments TCA7408ZSZR Datasheet HTML 10Page - Texas Instruments TCA7408ZSZR Datasheet HTML 11Page - Texas Instruments TCA7408ZSZR Datasheet HTML 12Page - Texas Instruments TCA7408ZSZR Datasheet HTML 13Page - Texas Instruments TCA7408ZSZR Datasheet HTML 14Page - Texas Instruments TCA7408ZSZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TCA7408
www.ti.com
SCPS235
– NOVEMBER 2011
Reads
The bus master first must send the TCA7408 address with the LSB set to a logic 0. The command byte is sent
after the address and determines which register is accessed.
After a restart, the device address is sent again but, this time, the LSB is set to a logic 1. Data from the register
defined by the command byte then is sent by the TCA7408.
Data is clocked into the register on the rising edge of the ACK clock pulse.
Figure 6. Read From Register
NOTE: ADDR = 0
Figure 7. Read From Input Status Register
Transfer of data can be stopped at any time by a Stop condition. When this occurs, data present at the latest
acknowledge phase is valid (output mode). It is assumed that the command byte previously has been set to 0Fh
(read Input Status Register). This figure eliminates the command byte transfer, a restart, and slave address call
between the initial slave address call and actual data transfer from GPIO.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TCA7408


Numéro de pièce similaire - TCA7408ZSZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA7408ZSZ TI1-TCA7408ZSZ Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA7408ZSZ TI1-TCA7408ZSZ Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
More results

Description similaire - TCA7408ZSZR

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
NCA9595 NEXPERIA-NCA9595 Datasheet
436Kb / 30P
   Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
NCA9595-Q100 NEXPERIA-NCA9595-Q100 Datasheet
474Kb / 30P
   Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com