Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA1116 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TCA1116
Description  LOW VOLTAGE 16-BIT I2C I/O EXPANDER WITH INTERRUPT AND RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA1116 Fiches technique(HTML) 5 Page - Texas Instruments

  TCA1116 Datasheet HTML 1Page - Texas Instruments TCA1116 Datasheet HTML 2Page - Texas Instruments TCA1116 Datasheet HTML 3Page - Texas Instruments TCA1116 Datasheet HTML 4Page - Texas Instruments TCA1116 Datasheet HTML 5Page - Texas Instruments TCA1116 Datasheet HTML 6Page - Texas Instruments TCA1116 Datasheet HTML 7Page - Texas Instruments TCA1116 Datasheet HTML 8Page - Texas Instruments TCA1116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TCA1116PWR
TSSOP
PW
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
TCA1116RTWR
WQFN
RTW
24
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Aug-2012
Pack Materials-Page 1


Numéro de pièce similaire - TCA1116

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
TCA1048AB0C DELTA-TCA1048AB0C Datasheet
712Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
Siemens Semiconductor G...
TCA105 SIEMENS-TCA105 Datasheet
209Kb / 8P
   THRESHOLD SWITCH
TCA1365B SIEMENS-TCA1365B Datasheet
283Kb / 10P
   Power Operational Amplifier
logo
NXP Semiconductors
TCA14A NXP-TCA14A Datasheet
207Kb / 3P
   Integrated Miniaturized Antenna for 838~898 MHz ISM Band Wireless RF Applications
Ver1.1 11/15/2001
logo
Siemens Semiconductor G...
TCA1560 SIEMENS-TCA1560 Datasheet
659Kb / 19P
   STEPPER MOTOR DRIVERS
More results

Description similaire - TCA1116

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
logo
Texas Instruments
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCAL9539 TI-TCAL9539 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
JULY 2022
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com