Moteur de recherche de fiches techniques de composants électroniques |
|
SN74SSTUB32864ZKER Fiches technique(PDF) 10 Page - Texas Instruments |
|
SN74SSTUB32864ZKER Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 18 page www.ti.com ABSOLUTE MAXIMUM RATINGS RECOMMENDED OPERATING CONDITIONS (1) SN74SSTUB32864 SCAS791A – OCTOBER 2006 – REVISED SEPTEMBER 2007 over operating free-air temperature range (unless otherwise noted) (1) VALUE UNIT VCC Supply voltage range –0.5 to 2.5 V VI Input voltage range(2) (3) -0.5 to VCC + 0.5 V VO Output voltage range(2) (3) –0.5 to VCC + 0.5 V IIK Input clamp current, (VI < 0 or VI > VCC) ±50 mA IOK Output clamp current, (VO < 0 or VO > VCC) ±50 mA IO Continuous output current (VO = 0 to VCC) ±50 mA ICC Continuous current through each VCC or GND ±100 mA No airflow 39.8 Airflow 150 ft/min 34.1 Thermal impedance, RθJA junction-to-ambient(4) Airflow 250 ft/min 33.6 K/W Airflow 500 ft/min 32.5 RθJB Thermal resistance, junction-to-board(4) No airflow 14.5 Tstg Storage temperature range –65 to 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (3) This value is limited to 2.5 V maximum. (4) The package thermal impedance is calculated in accordance with JESD 51-7. MIN NOM MAX UNIT VCC Supply voltage 1.7 1.9 V VREF Reference voltage 0.49 × V CC 0.5 × V CC 0.51 × V CC V VTT Termination voltage VREF–40 mV VREF VREF + 40 mV V VI Input voltage 0 VCC V VIH AC high-level input voltage Data inputs, CSR VREF + 250 mV V VIL AC low-level input voltage Data inputs, CSR VREF–250 mV V VIH DC high-level input voltage Data inputs, CSR VREF + 125 mV V VIL DC low-level input voltage Data inputs, CSR VREF–125 mV V VIH High-level input voltage RESET, Cn 0.65 × V CC V VIL Low-level input voltage RESET, Cn 0.35 × V CC V VICR Common-mode input voltage range CLK, CLK 0.675 1.125 V VI(PP) Peak-to-peak input voltage CLK, CLK 600 mV IOH High-level output current Q outputs –8 mA IOL Low-level output current Q outputs 8 mA TA Operating free-air temperature -40 85 °C (1) The RESET and Cn inputs of the device must be held at valid logic voltage levels (not floating) to ensure proper device operation. The differential inputs must not be floating unless RESET is low. See the TI application report, Implications of Slow or Floating CMOS Inputs (SCBA004). 10 Submit Documentation Feedback Copyright © 2006–2007, Texas Instruments Incorporated Product Folder Link(s): SN74SSTUB32864 |
Numéro de pièce similaire - SN74SSTUB32864ZKER |
|
Description similaire - SN74SSTUB32864ZKER |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |