Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040C25-EP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4040C25-EP
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040C25-EP Fiches technique(HTML) 1 Page - Texas Instruments

  LM4040C25-EP Datasheet HTML 1Page - Texas Instruments LM4040C25-EP Datasheet HTML 2Page - Texas Instruments LM4040C25-EP Datasheet HTML 3Page - Texas Instruments LM4040C25-EP Datasheet HTML 4Page - Texas Instruments LM4040C25-EP Datasheet HTML 5Page - Texas Instruments LM4040C25-EP Datasheet HTML 6Page - Texas Instruments LM4040C25-EP Datasheet HTML 7Page - Texas Instruments LM4040C25-EP Datasheet HTML 8Page - Texas Instruments LM4040C25-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
* Pin 3 is attached to substrate and must be
connected to ANODE or left open.
DBZ (SOT-23) PACKAGE
(TOP VIEW)
CATHODE
ANODE
1
2
3*
LM4040-EP
www.ti.com
SLOS746A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Check for Samples: LM4040-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Fixed Output Voltage of 2.5 V
Controlled Baseline
Tight Output Tolerances and Low Temperature
Coefficient
One Assembly/Test Site
– Max 0.65%, 100 ppm/°C
One Fabrication Site
Low Output Noise: 35
μVRMS Typ
Available in Military (
–55°C/125°C)
Temperature Range(1)
Wide Operating Current Range: 45
μA Typ to
15 mA
Extended Product Life Cycle
Stable With All Capacitive Loads; No Output
Extended Product-Change Notification
Capacitor Required
Product Traceability
APPLICATIONS
Data-Acquisition Systems
Power Supplies and Power-Supply Monitors
Instrumentation and Test Equipment
Process Controls
Precision Audio
Automotive Electronics
Energy Management
Battery-Powered Equipment
(1)
Custom temperature ranges available
DESCRIPTION/ORDERING INFORMATION
The LM4040 series of shunt voltage references are versatile, easy-to-use references that cater to a vast array of
applications. The 2-pin fixed-output device requires no external capacitors for operation and is stable with all
capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and low temperature
coefficient to ensure a stable output voltage over a wide range of operating currents and temperatures. The
LM4040 uses fuse and Zener-zap reverse breakdown voltage trim during wafer sort to offer an output voltage
tolerance of 0.65%.
Packaged in a space-saving SOT-23-3 package and requiring a minimum current of 45
μA (typ), the LM4040
also is ideal for portable applications. The LM4040C25 is characterized for operation over an ambient
temperature range of
–55°C to 125°C.
ORDERING INFORMATION(1)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE
GRADE
PART NUMBER
MARKING(2)
0.65% initial
accuracy
and
–55°C to 125°C
2.5 V
SOT-23-3 (DBZ)
Reel of 250
LM4040C25MDBZTEP
SAGU
100 ppm/
°C
temperature
coefficient
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM4040C25-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4040C25 TI1-LM4040C25 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
logo
Zetex Semiconductors
LM4040C25FTA ZETEX-LM4040C25FTA Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
LM4040C25FTA ZETEX-LM4040C25FTA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040C25FTA DIODES-LM4040C25FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040C25H5TA ZETEX-LM4040C25H5TA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
More results

Description similaire - LM4040C25-EP

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com