Fabricant | No de pièce | Fiches technique | Description |
FCI connector |
61082-101602LF
|
473Kb / 6P |
BERGSTAK 0.8MM RECEPTACLE ASSY
|
61082-043400LF
|
473Kb / 6P |
BERGSTAK 0.8MM RECEPTACLE ASSY
|
61082
|
473Kb / 6P |
BERCSTAK 0.8MM RECEPTACLE ASSY
|
Tyco Electronics |
1-926539-7
|
194Kb / 1P |
RECEPTACLE ASSY, 1.0mm FH
|
487769
|
96Kb / 1P |
HOUSING, RECEPTACLE, DETENT, POLARIZED, FFC
|
5146893-1
|
101Kb / 1P |
RECEPTACLE ASSY, W/ VACUM COVER
|
5749232-1
|
74Kb / 1P |
RECEPTACLE ASSY W/ HOLD DOWN
|
TE Connectivity Ltd |
120521
|
326Kb / 1P |
RECEPTACLE ASSY, 1.0mm (IEEE1386) CONNECTOR
REV K |
FCI connector |
10036312
|
222Kb / 2P |
SAS RECEPTACLE HYBRID TYPE ASSY
|
Molex Electronics Ltd. |
0015248152
|
283Kb / 3P |
SELECTIVELY LOADED RECEPTACLE HEADER ASSY
|