Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM111-N Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM111-N
Description  LM111/LM211/LM311 Voltage Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM111-N Fiches technique(HTML) 2 Page - Texas Instruments

  LM111-N Datasheet HTML 1Page - Texas Instruments LM111-N Datasheet HTML 2Page - Texas Instruments LM111-N Datasheet HTML 3Page - Texas Instruments LM111-N Datasheet HTML 4Page - Texas Instruments LM111-N Datasheet HTML 5Page - Texas Instruments LM111-N Datasheet HTML 6Page - Texas Instruments LM111-N Datasheet HTML 7Page - Texas Instruments LM111-N Datasheet HTML 8Page - Texas Instruments LM111-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM111/LM211/LM311
Voltage Comparator
1.0 General Description
The LM111, LM211 and LM311 are voltage comparators that
have input currents nearly a thousand times lower than
devices like the LM106 or LM710. They are also designed to
operate over a wider range of supply voltages: from standard
±15V op amp supplies down to the single 5V supply used for
IC logic. Their output is compatible with RTL, DTL and TTL
as well as MOS circuits. Further, they can drive lamps or
relays, switching voltages up to 50V at currents as high as
50 mA.
Both the inputs and the outputs of the LM111, LM211 or the
LM311 can be isolated from system ground, and the output
can drive loads referred to ground, the positive supply or the
negative supply. Offset balancing and strobe capability are
provided and outputs can be wire OR’ed. Although slower
than the LM106 and LM710 (200 ns response time vs 40 ns)
the devices are also much less prone to spurious oscilla-
tions. The LM111 has the same pin configuration as the
LM106 and LM710.
The LM211 is identical to the LM111, except that its perfor-
mance is specified over a −25˚C to +85˚C temperature range
instead of −55˚C to +125˚C. The LM311 has a temperature
range of 0˚C to +70˚C.
2.0 Features
n
Operates from single 5V supply
n
Input current: 150 nA max. over temperature
n
Offset current: 20 nA max. over temperature
n
Differential input voltage range: ±30V
n
Power consumption: 135 mW at ±15V
3.0 Typical Applications (Note 3)
Offset Balancing
Strobing
00570436
00570437
Note: Do Not Ground Strobe Pin. Output is turned off when current is
pulled from Strobe Pin.
Increasing Input Stage Current (Note 1)
Detector for Magnetic Transducer
00570438
Note 1: Increases typical common mode slew from 7.0V/µs to 18V/µs.
00570439
January 2001
© 2004 National Semiconductor Corporation
DS005704
www.national.com


Numéro de pièce similaire - LM111-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM111-N TI-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Comparator
More results

Description similaire - LM111-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM111H TI-LM111H Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311N TI-LM311N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311MX TI-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N_14 Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111J-8 TI-LM111J-8 Datasheet
905Kb / 22P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com